Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8325 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8325 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8325 Datasheet HTML 35Page - Cirrus Logic WM8325 Datasheet HTML 36Page - Cirrus Logic WM8325 Datasheet HTML 37Page - Cirrus Logic WM8325 Datasheet HTML 38Page - Cirrus Logic WM8325 Datasheet HTML 39Page - Cirrus Logic WM8325 Datasheet HTML 40Page - Cirrus Logic WM8325 Datasheet HTML 41Page - Cirrus Logic WM8325 Datasheet HTML 42Page - Cirrus Logic WM8325 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 254 page
background image
Production Data
WM8325
w
PD, February 2012, Rev 4.0
39
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
12
ON_PIN_CINT
ON pin interrupt.
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
12
IM_ON_PIN_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 6 ON Pin Interrupt
11.7 RESET PIN FUNCTION
The RESET
¯¯¯¯¯¯ pin is an active low input/output which is used to command Hardware Resets in the
WM8325 and in other connected devices. The pin is an open-drain type, with integrated pull-up; it can
be driven low by external sources or by the WM8325 itself.
The WM8325 drives the RESET
¯¯¯¯¯¯ pin low in the OFF state. The output status of the RESET
¯¯¯¯¯¯ pin in
SLEEP is configurable; this is determined by the RST_SLPENA register bit as defined in Table 7.
The WM8325 clears the RESET
¯¯¯¯¯¯ pin following the transition to ON. On completion of the state
transition, the RESET
¯¯¯¯¯¯ pin is held low for a further delay time period, extending the RESET
¯¯¯¯¯¯ low
duration. The RESET
¯¯¯¯¯¯ delay period is set by the RST_DUR register bit. See Figure 6 for further
details.
The WM8325 detects a Hardware Reset request whenever the RESET
¯¯¯¯¯¯ pin is driven low by an
external source. In this event, the WM8325 resets the internal control registers (excluding the RTC)
and initiates a start-up sequence. See Section 24.
It is possible to mask the RESET
¯¯¯¯¯¯ pin input in the SLEEP state by setting the RST_SLP_MSK register
bit. In SLEEP mode, if RST_SLP_MSK is set, the WM8325 will take no action if the RESET
¯¯¯¯¯¯ pin is
pulled low.
Note that the RESET
¯¯¯¯¯¯ pin control registers are locked by the WM8325 User Key. These registers can
only be changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16390 (4006h)
Reset Control
5
RST_SLP_MSK
1
Masks the RESET
¯¯¯¯¯¯ pin input in
SLEEP mode
0 = External RESET
¯¯¯¯¯¯ active in SLEEP
1 = External RESET
¯¯¯¯¯¯ masked in
SLEEP
Protected by user key
4
RST_SLPENA
1
Sets the output status of RESET
¯¯¯¯¯¯ pin
in SLEEP
0 = RESET
¯¯¯¯¯¯ high (not asserted)
1 = RESET
¯¯¯¯¯¯ low (asserted)
Protected by user key
1:0
RST_DUR
11
Delay period for releasing RESET
¯¯¯¯¯¯
after ON or WAKE sequence
00 = 3ms
01 = 11ms
10 = 51ms
11 = 101ms
Protected by user key
Table 7 RESET Pin Control Registers
The WM8325 can generate an Auxiliary Reset output via a GPIO pin configured as “Auxiliary Reset”
output (see Section 21). This signal is asserted in the OFF state. The status of the Auxiliary Reset in
the SLEEP state is configurable, using the AUXRST_SLPENA register bit as defined in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com