Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8326 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8326 Datasheet HTML 12Page - Cirrus Logic WM8326 Datasheet HTML 13Page - Cirrus Logic WM8326 Datasheet HTML 14Page - Cirrus Logic WM8326 Datasheet HTML 15Page - Cirrus Logic WM8326 Datasheet HTML 16Page - Cirrus Logic WM8326 Datasheet HTML 17Page - Cirrus Logic WM8326 Datasheet HTML 18Page - Cirrus Logic WM8326 Datasheet HTML 19Page - Cirrus Logic WM8326 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
16
7
ELECTRICAL CHARACTERISTICS
7.1
DC-DC SYNCHRONOUS BUCK CONVERTERS
DC-DC1 and DC-DC2
Unless otherwise noted: VIN = 3.8V, VOUT = 1.2V, MODE = FCCM
(1), TJ = -40°C to +125°C; typical values are at TJ = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.7
5.5
V
Programmable
Output Voltage
VOUT
FSW = 2MHz
0.6
1.8
V
FSW = 4MHz
0.6
1.4
VOUT Step Size
VOUT_STEP
12.5
mV
VOUT Accuracy
VOUT_ACC
VIN = 2.7V to 5.5V, IOUT = 0mA to 2500mA
-2.5
+2.5
%
Undervoltage
margin
VUV
0.6V ≤ VOUT < 0.9V
50
mV
0.9V ≤ VOUT < 1.3V
80
1.3V ≤ VOUT ≤ 1.8V
100
Overvoltage
margin
VOV
0.6V ≤ VOUT ≤ 1.8V
100
mV
Output Current
IOUT
FCCM
(1) and Auto (CCM/DCM
with PS
(2)) Modes
FSW = 2MHz
0
2500
mA
FSW = 4MHz
0
1250
Hysteretic Mode
0
150
LDO Mode
0
10
P-channel
Current Limit
IP_LIM
3650
mA
Quiescent
Current
IQ
IOUT = 0mA, FCCM
(1) and Auto (CCM/DCM with
PS
(2)) Modes (excluding switching losses)
585
A
IOUT = 0mA, Hysteretic Mode
100
IOUT = 0mA, LDO Mode
25
Shutdown
Current
ISD
DCm_ENA = 0
0.01
A
P-channel
On Resistance
RDSP
VIN = VGS = 3.8V, IDCmLX = 100mA
115
m
N-channel
On Resistance
RDSN
VIN = VGS = 3.8V, IDCmLX = -100mA
105
m
Switching
Frequency
FSW
DCm_FREQ = 01
2
MHz
DCm_FREQ = 10
4
Notes:
1.
Forced Continuous Conduction Mode
2.
Continuous / Discontinuous Conduction with Pulse-Skipping Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com