Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8326 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8326 Datasheet HTML 35Page - Cirrus Logic WM8326 Datasheet HTML 36Page - Cirrus Logic WM8326 Datasheet HTML 37Page - Cirrus Logic WM8326 Datasheet HTML 38Page - Cirrus Logic WM8326 Datasheet HTML 39Page - Cirrus Logic WM8326 Datasheet HTML 40Page - Cirrus Logic WM8326 Datasheet HTML 41Page - Cirrus Logic WM8326 Datasheet HTML 42Page - Cirrus Logic WM8326 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
39
The WM8326 can generate an Auxiliary Reset output via a GPIO pin configured as “Auxiliary Reset”
output (see Section 21). This signal is asserted in the OFF state. The status of the Auxiliary Reset in
the SLEEP state is configurable, using the AUXRST_SLPENA register bit as defined in Table 8.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16390 (4006h)
Reset Control
6
AUXRST_SLPE
NA
1
Sets the output status of Auxiliary
Reset (GPIO) function in SLEEP
0 = Auxiliary Reset not asserted
1 = Auxiliary Reset asserted
Protected by user key
Table 8 Auxiliary Reset (GPIO) Control
The timing details of the RESET
¯¯¯¯¯¯ pin relative to an ON state transition are illustrated in Figure 6.
Power State
Time
RESET pin
OFF
ON
State Transition
Time delay set by
PWRSTATE_DELAY
1ms or 10ms
ON transition.
Nominal duration = 5 x 2ms
RESET delay set by RST_DUR
3ms, 11ms, 51ms or 101ms
Figure 6 RESET Pin Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com