Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8805 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8805 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8805 Datasheet HTML 9Page - Cirrus Logic WM8805 Datasheet HTML 10Page - Cirrus Logic WM8805 Datasheet HTML 11Page - Cirrus Logic WM8805 Datasheet HTML 12Page - Cirrus Logic WM8805 Datasheet HTML 13Page - Cirrus Logic WM8805 Datasheet HTML 14Page - Cirrus Logic WM8805 Datasheet HTML 15Page - Cirrus Logic WM8805 Datasheet HTML 16Page - Cirrus Logic WM8805 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Production Data
WM8805
w
PD, Rev 4.5, March 2009
13
When the device powers up, all power up configuration pins are configured as inputs for a minimum
of 9.4us and a maximum of 25.6us following the release of the external reset. The times are based
on 27MHz and 10MHz crystal clock frequencies respectively. This enables the pins to be sampled
and the device to be configured before the pins are released to their selected operating conditions.
Figure 7 illustrates how SDIN is sampled.
Figure 7 Pin Sampling On Power Up or Hardware Reset
If the device is powered up in Software control mode, all functions of the device are powered down by
default and must be powered up individually by writing to the relevant bits of the PWRDN register
(Table 7). In Hardware Control Mode, all functions of the device are powered up by default.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
PWRDN
1Eh
0
PLLPD
1
PLL Powerdown
0 = PLL enabled
1 = PLL disabled
1
SPDIFRXP
D
1
S/PDIF Receiver Powerdown
0 = S/PDIF receiver enabled
1 = S/PDIF receiver disabled
2
SPDIFTXPD
1
S/PDIF Transmitter
Powerdown
0 = S/PDIF transmitter enabled
1 = S/PDIF transmitter disabled
3
OSCPD
0
Oscillator Power Down
0 = Power Up
1 = Power Down
4
AIFPD
0
Digital Audio Interface Power
Down
0 = Power Up
1= Power Down
5
TRIOP
0
Tri-state all Outputs
0 = Outputs not tri-stated
1 = Outputs tri-stated
Table 7 Power Down Register
D
Q
ENB
SDIN
RSTB
Power-
On Reset
POR_B
HWMODE
/
SWMODE
Sampling of pin value at reset to
generate internal signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com