Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8805 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8805
Description  8:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8805 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8805 Datasheet HTML 12Page - Cirrus Logic WM8805 Datasheet HTML 13Page - Cirrus Logic WM8805 Datasheet HTML 14Page - Cirrus Logic WM8805 Datasheet HTML 15Page - Cirrus Logic WM8805 Datasheet HTML 16Page - Cirrus Logic WM8805 Datasheet HTML 17Page - Cirrus Logic WM8805 Datasheet HTML 18Page - Cirrus Logic WM8805 Datasheet HTML 19Page - Cirrus Logic WM8805 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
WM8805
Production Data
w
PD, Rev 4.5, March 2009
16
Figure 10 3-Wire Control Interface Read-Back Method 2
2-WIRE SERIAL CONTROL WITH READ-BACK MODE
The WM8805 supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus and each device has a unique 7-bit address (see Table 11).
The controller indicates the start of data transfer with a high to low transition on SDIN while SCLK
remains high. This indicates that a device address, DEVA(7:1), and data, REG(6:0), will follow. All
devices on the 2-wire bus will shift in the next eight bits on SDIN (7-bit address DEVA(7:1), +
read/write ‘W’ bit, MSB first). If the device address received matches the address of the WM8805,
the WM8805 responds by driving SDIN low on the next clock pulse (ACK). This is a device
acknowledgement of an address match. If the address does not match that of the WM8805, the
device returns to the idle condition and waits for a new start condition and valid address.
Once the WM8805 has acknowledged a matching address, the controller sends the first byte of
control data, which is the WM8805 register address (REGA[6:0]). The WM8805 then acknowledges
reception of the control data byte by pulling SDIN low for one clock pulse (another ACK). The
controller then sends the second byte of control data (DIN[7:0], i.e. the eight bits of register data to
be written), and the WM8805 acknowledges again by pulling SDIN low (another ACK).
The transfer of data is complete when there is a low to high transition on SDIN while SCLK is high.
After receiving a complete address and data sequence the WM8805 returns to the idle state and
waits for another start condition. If a start or stop condition is detected out of sequence at any point
during data transfer (i.e. SDIN changes while SCLK is high), the device returns to the idle condition.
Figure 11 2-Wire Serial Control Interface Write
Multiple consecutive register writes can be performed in 2-wire control mode by setting the CONT bit
high. This method allows the entire register map to be defined in a one continuous write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com