Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122YA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1122YA
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122YA Datasheet(HTML) 4 Page - Anachip Corp

  AP1122YA Datasheet HTML 1Page - Anachip Corp AP1122YA Datasheet HTML 2Page - Anachip Corp AP1122YA Datasheet HTML 3Page - Anachip Corp AP1122YA Datasheet HTML 4Page - Anachip Corp AP1122YA Datasheet HTML 5Page - Anachip Corp AP1122YA Datasheet HTML 6Page - Anachip Corp AP1122YA Datasheet HTML 7Page - Anachip Corp AP1122YA Datasheet HTML 8Page - Anachip Corp AP1122YA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
4/10
Typical Performance Characteristics
Temperature (oC)
Percent Change in Output Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
- 2
-1.5
- 1
-0.5
0
0. 5
1
1.5
2
Input Voltage (V)
Line Regulation
0
0.2
0.4
0.6
0.8
1
24
6
8
10
12
TIME (us)
Line Transient Response
-40
-20
0
20
40
5.5
6.5
7.5
Cin=1uF
Cout=10uF Tantalum
0
20
40
60
80
100 120 140 160 180 200
TIME (us)
Load Transient Response
010
20
30
40
50
60
70
80
90 100
-1
0
1
2
-20
-10
0
10
20
30
C in = 1uF
C out = 10 uF Tantalum
Preload = 100mA
Temperature (oC)
Load Regulation vs Temperature
-25
0
25
50
75
100
125
- 1
-0.80
-0.40
-0.20
0
0.20
I load=800mA
Dropout Voltage vs Output Current
Output Current (mA)
0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
0
250
500
750
1000
Tj = 125 oC
Tj = 25 oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com