Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122YA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1122YA
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122YA Datasheet(HTML) 3 Page - Anachip Corp

  AP1122YA Datasheet HTML 1Page - Anachip Corp AP1122YA Datasheet HTML 2Page - Anachip Corp AP1122YA Datasheet HTML 3Page - Anachip Corp AP1122YA Datasheet HTML 4Page - Anachip Corp AP1122YA Datasheet HTML 5Page - Anachip Corp AP1122YA Datasheet HTML 6Page - Anachip Corp AP1122YA Datasheet HTML 7Page - Anachip Corp AP1122YA Datasheet HTML 8Page - Anachip Corp AP1122YA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
3/10
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
GND
I
1
Ground Pin
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω)
must be connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor (0.15Ω ≤ ESR ≤
20Ω) is connected from this pin to ground to insure that the input voltage does
not sag below the minimum dropout voltage during the load transient response.
This pin must always be 1.3V higher than Vout in order for the device to regulate
properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
2.5V≦VIN≦12V, TJ=25
oC
1.176
1.2
1.224
V
Line Regulation
IO=10mA, 2.5V<VIN<12V, TJ=25
oC
0.2
%
Load Regulation
VIN=2.5V~12V,Vadj=0,0mA<Io<1A, TJ=25
oC
(Note 1,2)
1
%
Dropout Voltage
(VIN-VOUT)
IOUT = 1A ,∆VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
(VIN-VOUT) = 5V
1. 1
A
Minimum Load
Current
0
oC≦Tj≦125oC
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
Ripple Rejection
F=120Hz,COUT=25uF Tantalum, IOUT=1A,
VIN=VOUT+3V
60
70
dB
Temperature Stability IO=10mA
0.5
%
JA
θ Thermal
Resistance Junction-
to-Ambient (No heat
sink ;No air flow)
SOT89
SOT-223
TO-252
TO-220/263
300
117
92
85
oC/W
JC
θ Thermal
Resistance
Junction-to-Case
SOT89 : Control Circuitry/Power Transistor
SOT-223 : Control Circuitry/Power Transistor
TO-263 : Control Circuitry/Power Transistor
TO-252 : Control Circuitry/Power Transistor
TO-220 : Control Circuitry/Power Transistor
100
15
0.65/2.7
10
0.65/2.7
oC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the
package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference between input and output differential and the output current. Guaranteed maximum power dissipation will not be
available over the full input/output range.
Note3: Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com