Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6908F Datasheet(PDF) 4 Page - Rohm

Part # BA6908F
Description  Single-phase full-wave motor driver for fan motor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6908F Datasheet(HTML) 4 Page - Rohm

  BA6908F Datasheet HTML 1Page - Rohm BA6908F Datasheet HTML 2Page - Rohm BA6908F Datasheet HTML 3Page - Rohm BA6908F Datasheet HTML 4Page - Rohm BA6908F Datasheet HTML 5Page - Rohm BA6908F Datasheet HTML 6Page - Rohm BA6908F Datasheet HTML 7Page - Rohm BA6908F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BA6908F
Motor driver ICs
4/7
Electrical characteristics (Unless otherwise specified, Ta=25
°C, VCC=5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply current
Charge current of capacitor for lock detection
Discharge current of capacitor for lock detection
Charge-discharge current ratio of capacitor for lock detection
Comparison voltage of capacitor for lock detection
Output voltage L
Output voltage H
Clamp voltage of capacitor for lock detection
ICC
ILDC
ILDD
VOL
VOH
rCD
VLDCL
VLDCP
1.5
1.50
4.2
320
500
680
−
1.14
0.47
0.3
−
3.4
2.75
8.7
4.50
0.24
0.48
0.90
5.7
9.5
1.80
−
3.9
0.76
2.47
0.2
4.1
1.06
mA
µA
−
V
V
V
"HO" terminal voltage L
"HO" terminal leak current
VHOL
IHOL
0.5
−
−
0.3
050
V
µA
µA
V
At output : OFF
VLD
=1.1V
VLD
=1.1V
VHO
=15V
rCD
=ILDC/ILDD
IHO
=5mA
Hall input offset voltage
Hall input-output gain
Hofs
GHO
10
−10
−
mV
IO
=200mA
IO
=200mA
This product is not designed for protection against radioactive rays.
Lock detect circuit, automatic restart circuit
Charge and discharge time at motor lock condition varies with the value of external capacitor at LD terminal and is
given by the following equation.
Ton (Charge time)
=
ILDC
C· (VLDCL-VLDCP)
Toff (Discharge time)
=
ILDD
C· (VLDCL-VLDCP)
C
VLDCL
VLDCP
ILDC
ILDD
:
:
:
:
:
(1.80V
Typ.)
(0.76V
Typ.)
(2.75
µA Typ.)
(0.48
µA Typ.)
The following value shows charge time and discharge time at C
=0.47µF for reference.
Charge time
= 0.18SEC
(Output : ON)
Discharge time
= 1.02SEC
(Output : OFF)
Value of capacitor at LD terminal
Clamp voltage of capacitor lock detection
Comparison voltage of capacitor lock detection
Charge current of capacitor lock detection
Discharge current of capacitor lock detection
Toff
Output Tr OFF
VLDCL
Motor lock
Detect lock
Lock cancel
Depend on the hall output
Reset ordinary motion
H
+
OUT1
LD
HO
VLDCP
ON
Ton
Fig.4 Timing chart



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com