Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6908F Datasheet(PDF) 6 Page - Rohm

Part # BA6908F
Description  Single-phase full-wave motor driver for fan motor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6908F Datasheet(HTML) 6 Page - Rohm

  BA6908F Datasheet HTML 1Page - Rohm BA6908F Datasheet HTML 2Page - Rohm BA6908F Datasheet HTML 3Page - Rohm BA6908F Datasheet HTML 4Page - Rohm BA6908F Datasheet HTML 5Page - Rohm BA6908F Datasheet HTML 6Page - Rohm BA6908F Datasheet HTML 7Page - Rohm BA6908F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BA6908F
Motor driver ICs
6/7
3)
Hall signal input terminals (H
+, H−)
Fig.7 Hall amp input bias voltage range.
VCC
VCC-2V
1/2VCC
GND
A.
Please adjust hall input bias voltage by value of resistor for hall element, so that hall signal contains amplitude
input within rang from 0V to Vcc-2V. At this time, to set hall amp input bias voltage for Vcc/2 is recommended.
B.
Please be careful of input signal because hall amp of this IC doesn’t have input hysteresis.
C.
The output signal of this IC is the amplified hall input signal. Therefore, the output signal depends on hall input
signal. When the amplitude of hall signal is small, the output signal becomes gentle. Oppositely, when the
amplitude is big, the output signal becomes steep. The hall-input/output gain is about 500 times (TYP), so
please input the hall signal that is suitable to make adequate amplitude of the output signal.
Fig.8 Difference of output signal depending on hall input signal
(H
+)−(H−)
OUT1
4)
ASO
Please consider output transistors not to exceed absolute maximum ratings and ASO.
5)
GND
Please keep up the voltage of GND less than the voltage of another terminal surely.
6)
This product is produced with strict quality control, but destroyed in using beyond absolute maximum ratings.
Once IC destroyed, a failure mode cannot be defined (like short-mode or open-mode). Therefore, physical security
counter measure like fuse is to be given when a specific mode to be beyond absolute maximum ratings is
considered.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com