Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPN-RK-2/10SP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPN-RK-2/10SP
Description  dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPN-RK-2/10SP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPN-RK-2/10SP Datasheet HTML 1Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 2Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 3Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1003
Effective March 2017
LPN-RK — 250 Vac/125 Vdc, 1⁄10-60 A, dual element, time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks
Amps
Catalog no.
1-Pole
2-Pole
3-Pole
30
RM25030-1_
RM25030-2_
RM25030-3_
60
RM25060-1_
RM25060-2_
RM25060-3_
For additional information on the 250 volt fuse blocks, see data
sheets no. 10289.
Fuse reducers for Class R fuses
Equipment fuse clips
Desired fuse (case)
size
Catalog no. (pairs)
250V
60 A
30 A
NO.263-R
100 A
30 A
NO.213-R
60 A
NO.216-R
200 A
60 A
NO.226-R
For additional information on Class R fuse reducers, see data sheet
no. 1118.
Dimensions — in
0.56
2
1/10 to 30 A
3
35 to 60 A
0.81
Time-current curves - average melt
1/10 to 12 amps
AMP RATING
300
100
10
1
0.1
0.01
CURRENT IN AMPS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com