Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPN-RK-2/10SP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LPN-RK-2/10SP
Description  dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPN-RK-2/10SP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LPN-RK-2/10SP Datasheet HTML 1Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 2Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 3Page - List of Unclassifed Manufacturers LPN-RK-2/10SP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1003
Effective March 2017
LPN-RK — 250 Vac/125 Vdc, 1⁄10-60 A, dual element, time-delay fuses
Eaton.com/bussmannseries
Time-current curves - average melt
15 to 60 amps
AMP RATING
CURRENT IN AMPS
300
100
10
1
0.1
0.01
Current-limitation curves
Current-limiting effects
Prosp.
S.C.C.
Let-through current (apparent RMS Sym. vs. fuse rating)
—
30 A
60 A
1000
1000
1000
2000
1000
1000
3000
1000
1000
5000
1000
2000
10,000
1000
2000
15,000
1000
2000
20,000
1000
3000
25,000
1000
3000
30,000
2000
3000
35,000
2000
3000
40,000
2000
3000
50,000
2000
3000
60,000
2000
3000
70,000
2000
3000
80,000
2000
4000
90,000
2000
4000
100,000 2000
4000
150,000 2000
4000
200,000 3000
5000
250,000 3000
5000
300,000 3000
6000
B
60A
30A
400,000
9000
8000
7000
6000
300,000
200,000
100,000
5000
4000
90,000
3000
2000
1000
80,000
70,000
60,000
50,000
40,000
30,000
20,000
10,000
A
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com