Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W55P241 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # W55P241
Description  I/O device usable with many different microprocessors through SPI interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55P241 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button W55P241 Datasheet HTML 17Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 18Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 19Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 20Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 21Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 22Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 23Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 24Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
W55P241
- 21 -
6.4 XOR
XOR group SFRs speed up XOR operation of BUFFER, DIRECTION or ATTRIBUTE bit. BPmB =
BPmB XOR XBPmB. BPmD = BPmD XOR XBPmD. BPmA = BPmA XOR XBPmA. m = 0, 1, 2.
Address
Register
7
6
5
4
3
2
1
0
Attribute
Default
$30
XBP0B
XB07
XB06
XB05
XB04
XB03
XB02
XB01
XB00
W
$31
XBP1B
XB17
XB16
XB15
XB14
XB13
XB12
XB11
XB10
W
$32
XBP2B
XB27
XB26
XB25
XB24
XB23
XB22
XB21
XB20
W
$33
$34
XBP0D
XD07
XD06
XD05
XD04
XD03
XD02
XD01
XD00
W
$35
XBP1D
XD17
XD16
XD15
XD14
XD13
XD12
XD11
XD10
W
$36
XBP2D
XD27
XD26
XD25
XD24
XD23
XD22
XD21
XD20
W
$37
$38
XBP0A
XA07
XA06
XA05
XA04
XA03
XA02
XA01
XA00
W
$39
XBP1A
XA17
XA16
XA15
XA14
XA13
XA12
XA11
XA10
W
$3A
XBP2A
XA27
XA26
XA25
XA24
XA23
XA22
XA21
XA20
W
$3B
$3C
PWMEN
EN7
EN6
EN5
EN4
EN3
EN2
EN1
EN0
R/W
$3D
PWMCK
TEST
X
X
X
MOD3
MOD2
MOD1
MOD0
R/W
$3E
&3F
RESET
X
X
X
X
X
X
X
X
W
XB0n
XOR data of BP0B: n = 0(LSB) ~ 7(MSB)
XB1n
XOR data of BP1B
XB2n
XOR data of BP2B
XD0n
XOR data of BP0D
XD1n
XOR data of BP1D
XD2n
XOR data of BP2D
XA0n
XOR data of BP0A
XA1n
XOR data of BP1A
XA2n
XOR data of BP2A
ENn
1: enables PWM channel. 0: disable. n = 0 ~ 7.
MOD[1:0]
00: BP0[3:0] clock is derived by dividing 8MHz clock by 16.
01: BP0[3:0] clock is derived by dividing 8MHz clock by 64.
10: BP0[3:0] clock is derived by dividing 8MHz clock by 256.
11: BP0[3:0] clock is derived by dividing 8MHz clock by 512.
MOD[3:2]
00: BP0[7:4] clock is derived by dividing 8MHz clock by 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com