Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W55P241 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W55P241
Description  I/O device usable with many different microprocessors through SPI interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55P241 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W55P241 Datasheet HTML 3Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 4Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 5Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 6Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 7Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 8Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 9Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 10Page - List of Unclassifed Manufacturers W55P241 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
W55P241
- 7 -
Chip
Select
Clock
Data
Output
(MSB first)
Sample
Data
MSB
LSB
Bit N
Bit M
..
…
..
…
..
…
Changing data
Latching data
Idle
“0”
Idle
“0”
Figure 3 SPI mode 0 (MSB first)
5.1.3
Command Protocol
One SPI transfer consists of one command byte and one data byte. Because the 1
st 8 bits of
“transmit data” are regarded as command byte after the falling edge of /CS, it is not possible that /CS
remains
“0’ during two successive SPI transfers. The last 8 bits of “transmit data” in one SPI transfer
are regarded as data bytes. For both command byte and data byte to be identified by the W55P241,
MSB (Most Significant Bit) is transferred first. When the microcontroller writes data to W55P241, DO
remains in high impedance state during the whole SPI transfer. When the microcontroller reads data
from the W55P241, DO remains in high impedance state until the data byte is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com