Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV855 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV855
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV855 Datasheet(HTML) 5 Page - Texas Instruments

  CDCV855 Datasheet HTML 1Page - Texas Instruments CDCV855 Datasheet HTML 2Page - Texas Instruments CDCV855 Datasheet HTML 3Page - Texas Instruments CDCV855 Datasheet HTML 4Page - Texas Instruments CDCV855 Datasheet HTML 5Page - Texas Instruments CDCV855 Datasheet HTML 6Page - Texas Instruments CDCV855 Datasheet HTML 7Page - Texas Instruments CDCV855 Datasheet HTML 8Page - Texas Instruments CDCV855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CDCV855, CDCV855I
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS660A – SEPTEMBER 2001 – REVISED DECEMBER 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH}
Low-to-high level propagation delay time
Test mode/CLK to any output
4.5
ns
tPHL}
High-to-low level propagation delay time
Test mode/CLK to any output
4.5
ns
t ()§
Jitter (period) See Figure 5
66 MHz
–55
55
ps
tjit(per)§
Jitter (period), See Figure 5
100/133/167/180 MHz
–35
35
ps
t ()§
Jitter (cycle to cycle) See Figure 2
66 MHz
–60
60
ps
tjit(cc)§
Jitter (cycle-to-cycle), See Figure 2
100/133/167/180 MHz
–50
50
ps
66 MHz
–130
130
tjit(hper)§
Half-period jitter, See Figure 6
100 MHz
–90
90
ps
tjit(h er)
Half eriod jitter, See Figure 6
133/167/180 MHz
–75
75
s
t
Output clock slew rate See Figure 7
Load = 120
Ω / 14 pF
1
2
V/ns
tslr(o)
Output clock slew rate, See Figure 7
Load = 120
Ω / 4 pF
1
3
V/ns
66 MHz
–180
180
SSC off
100/133 MHz
–130
130
t
w
Dynamic phase offset (this includes jitter),
SSC off
167/180 MHz
–90
90
ps
td(Ø)w
Dynamic hase offset (this includes jitter),
See Figure 3(b)
66 MHz
–230
230
ps
SSC on
100/133 MHz
–170
170
SSC on
167/180 MHz
–100
100
t
Static phase offset See Figure 3(a)
66 MHz
–150
150
ps
t(Ø)
Static phase offset, See Figure 3(a)
100/133/167/180 MHz
–100
100
ps
tsk(o)¶
Output skew, See Figure 4
50
ps
tr, tf
Output rise and fall times (20% – 80%)
Load: 120
Ω/14 pF
650
900
ps
† All typical values are at a respective nominal VDDQ.
‡ Refers to transition of noninverting output
§ This parameter is assured by design but can not be 100% production tested.
¶ All differential output pins are terminated with 120
Ω/14 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com