Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV855 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV855
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV855 Datasheet(HTML) 3 Page - Texas Instruments

  CDCV855 Datasheet HTML 1Page - Texas Instruments CDCV855 Datasheet HTML 2Page - Texas Instruments CDCV855 Datasheet HTML 3Page - Texas Instruments CDCV855 Datasheet HTML 4Page - Texas Instruments CDCV855 Datasheet HTML 5Page - Texas Instruments CDCV855 Datasheet HTML 6Page - Texas Instruments CDCV855 Datasheet HTML 7Page - Texas Instruments CDCV855 Datasheet HTML 8Page - Texas Instruments CDCV855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDCV855, CDCV855I
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS660A – SEPTEMBER 2001 – REVISED DECEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDDQ, AVDD
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current to GND or VDDQ
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): PW package
105.8
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
–
65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 3.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 4)
MIN
TYP
MAX
UNIT
Supply voltage, VDDQ, AVDD
2.3
2.7
V
Low level input voltage V
CLK, CLK, FBIN, FBIN
VDDQ/2 – 0.18
V
Low-level input voltage, VIL
PWRDWN
–0.3
0.7
V
High level input voltage V
CLK, CLK, FBIN, FBIN
VDDQ/2 + 0.18
V
High-level input voltage, VIH
PWRDWN
1.7
VDDQ + 0.3
V
DC input signal voltage (see Note 5)
–0.3
VDDQ
V
Differential input signal voltage, VID (see Note 6)
CLK, FBIN
0.36
VDDQ + 0.6
V
Output differential cross-voltage, VO(X) (see Note 7)
VDDQ/2 – 0.2 VDDQ/2
VDDQ/2 + 0.2
V
Input differential pair cross-voltage, VI(X) (see Note 7)
VDDQ/2 – 0.2
VDDQ/2 + 0.2
V
High-level output current, IOH
–12
mA
Low-level output current, IOL
12
mA
Input slew rate, SR (see Figure 7)
1
4
V/ns
Operating free air temperature TA
Commercial
0
85
°C
Operating free-air temperature, TA
Industrial
–40
85
°C
NOTES:
4. Unused inputs must be held high or low to prevent them from floating.
5. DC input signal voltage specifies the allowable dc execution of differential input.
6. Differential input signal voltage specifies the differential voltage |VTR – VCP| required for switching, where VTR is the true input level
and VCP is the complementary input level.
7. Differential cross-point voltage is expected to track variations of VDDQ and is the voltage at which the differential signals must be
crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com