Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1206 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CS1206
Description  CIT SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CS1206 Datasheet(HTML) 1 Page - CIT Relay & Switch

  CS1206 Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CIT SWITCH Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
CIT SWITCH
TM
CS1206
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
200 +/- 50gF
Actuator Travel
.230 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
Actuator
4/6 Nylon
Housing
4/6 Nylon
Cover
Stainless Steel
Contacts
Stainless Steel, Silver Plated
Terminals
Phosphor Bronze, Silver Plated
ORDERING INFORMATION
1. Series:
CS1206
CS1206
DIMENSIONS
PC LAYOUT
Schematic


Similar Part No. - CS1206

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CS1206GFX7R0BB103 YAGEO-CS1206GFX7R0BB103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS1206GFX7R0BN103 YAGEO-CS1206GFX7R0BN103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS1206GFX7R7BB103 YAGEO-CS1206GFX7R7BB103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS1206GFX7R7BN103 YAGEO-CS1206GFX7R7BN103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CS1206GFX7R8BB103 YAGEO-CS1206GFX7R8BB103 Datasheet
2Mb / 19P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CS1206

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CS1205 CIT-CS1205 Datasheet
171Kb / 1P
CIT SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
logo
CIT Relay & Switch
CR1102H CIT-CR1102H Datasheet
123Kb / 1P
SCHEMATIC, PC LAYOUT, & DIMENSIONS
CR1102V CIT-CR1102V Datasheet
135Kb / 1P
PC LAYOUT, SCHEMATIC, & DIMENSIONS
CS1101 CIT-CS1101 Datasheet
114Kb / 1P
DIMENSIONS SCHEMATIC & PC LAYOUT
CS1110 CIT-CS1110 Datasheet
186Kb / 2P
DIMENSIONS SCHEMATIC & PC LAYOUT
CS1207 CIT-CS1207 Datasheet
138Kb / 2P
DIMENSIONS SCHEMATIC & PC LAYOUT
CT1101 CIT-CT1101 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
Schematic and Layout
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com