Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTLS16 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CSTLS16
Description  Ceramic Resonator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSTLS16 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CSTLS16 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 6Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 7Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 8Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4
Comparison Table
IC : No
V1H [V]
V1L [V]
V1p-p [V]
V2H [V]
V2L [V]
V2p-p [V] Fosc [kHz] Trise [ms]
Vstart [V]
1
4.81
-0.38
5.19
5.19
-0.13
5.32 16033.457
0.116
1.77
2
4.81
-0.38
5.19
5.19
-0.13
5.32 16033.387
0.123
1.77
3
4.88
-0.38
5.26
5.16
-0.13
5.29 16033.723
0.123
1.78
4
4.88
-0.38
5.26
5.19
-0.13
5.32 16033.504
0.120
1.76
5
4.88
-0.38
5.26
5.16
-0.13
5.29 16033.877
0.109
1.75
Ref.
Performance described page 2 to 3 were measured with IC No. 1
Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com