Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTLS16 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CSTLS16
Description  Ceramic Resonator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSTLS16 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  CSTLS16 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 6Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 7Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 8Page - List of Unclassifed Manufacturers CSTLS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5
Frequency Correlation Data
Sample
M30622SAFP
TC74HCU04
No.
Fosc [kHz]
Fosc [kHz]
Shift [%]
1
16033.511
16036.704
-0.0199
2
16032.802
16035.185
-0.0149
3
16037.353
16040.122
-0.0173
4
16046.573
16049.097
-0.0157
5
16035.077
16037.697
-0.0163
_
X
16037.063
16039.761
-0.0168
muRata Standard Circuit
Vdd = 3.0 [V]
CERALOCK
® : CSTLS16M0X51-B0
C1 = 5 [pF]
C2 = 5 [pF]
Rf = 1 [Mohm]
Rd = 470 [ohm]
1
2
3
4
7
Rf
Rd
C2
C1
Fout
14
CERALOCK®
Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com