Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7571IDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVR
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7571IDBVR Datasheet HTML 9Page - Texas Instruments DAC7571IDBVR Datasheet HTML 10Page - Texas Instruments DAC7571IDBVR Datasheet HTML 11Page - Texas Instruments DAC7571IDBVR Datasheet HTML 12Page - Texas Instruments DAC7571IDBVR Datasheet HTML 13Page - Texas Instruments DAC7571IDBVR Datasheet HTML 14Page - Texas Instruments DAC7571IDBVR Datasheet HTML 15Page - Texas Instruments DAC7571IDBVR Datasheet HTML 16Page - Texas Instruments DAC7571IDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
THEORY OF OPERATION
D/A SECTION
REF (+)
REF (-)
Resistor
String
Output
Amplifier
VOUT
GND
VDD
DAC Register
V
OUT +
V
DD
D
4096
RESISTOR STRING
R
R
R
R
VDD
GND
To Output
Amplifier
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
The architecture of the DAC7571 consists of a string DAC followed by an output buffer amplifier. Figure 39
shows a block diagram of the DAC architecture.
Figure 39. R-String DAC Architecture
The input coding to the DAC7571 is unsigned binary, which gives the ideal output voltage as:
where D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 4095.
The resistor string section is shown in Figure 40. It is simply a string of resistors, each of value R. The code
loaded into the DAC register determines at which node on the string the voltage is tapped off to be fed into the
output amplifier by closing one of the switches connecting the string to the amplifier. It is ensured monotonic
because it is a string of resistors. The negative tap of the resistor string is tied to GND. The positive tap of the
resistor string is tied to VDD.
Figure 40. Resistor String
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com