Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7571IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVR
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  DAC7571IDBVR Datasheet HTML 1Page - Texas Instruments DAC7571IDBVR Datasheet HTML 2Page - Texas Instruments DAC7571IDBVR Datasheet HTML 3Page - Texas Instruments DAC7571IDBVR Datasheet HTML 4Page - Texas Instruments DAC7571IDBVR Datasheet HTML 5Page - Texas Instruments DAC7571IDBVR Datasheet HTML 6Page - Texas Instruments DAC7571IDBVR Datasheet HTML 7Page - Texas Instruments DAC7571IDBVR Datasheet HTML 8Page - Texas Instruments DAC7571IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
PIN CONFIGURATIONS
A0
SCL
SDA
6
5
4
1
2
3
VOUT
GND
VDD
1
2
3
6
5
4
(TOP VIEW)
(BOTTOM VIEW)
Lot Trace Code
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION
PACKAGE
SPECIFIED TEM-
PACKAGE
ORDERING NUM-
PRODUCT
PACKAGE
DESIG-
TRANSPORT MEDIA
PERATURE RANGE
MARKING
BER
NATOR
DAC7571IDBVT
250 Piece Small Tape and Reel
DAC7571
SOT23-6
DBV
-40
°C to +105°C
D771
DAC7571IDBVR
3000 Piece Tape and Reel
PIN DESCRIPTION (SOT23-6)
PIN
NAME
DESCRIPTION
1
VOUT
Analog output voltage from DAC
Ground reference point for all
2
GND
circuitry on the part
3
VDD
Analog Voltage Supply Input
4
SDA
Serial Data Input
5
SCL
Serial Clock Input
6
A0
Device Address Select
LOT
Year (3 = 2003); Month (1–9 = JAN–SEP; A=OCT,
TRACE
B=NOV, C=DEC); LL– Random code generated
CODE:
when assembly is requested
UNITS
VDD to GND
-0.3V to +6V
Digital Input voltage to GND
-0.3 V to +VDD + 0.3 V
VOUT to GND
-0.3 V to +VDD + 0.3 V
Operating temperature range
-40
°C to + 105°C
Storage temperature range
-65
°C to + 150°C
Junction temperature range (TJ max)
+ 150
°C
Power dissipation
(TJmax - TA)RΘJA
Thermal impedance, RΘJA
240
°C/W
Lead temperature, soldering
Vapor phase (60s)
215
°C
Infrared (15s)
220
°C
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications -40°C to +105°C unless otherwise noted.
DAC7571
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
STATIC PERFORMANCE(1)
Resolution
12
Bits
Relative accuracy
±0.195
% of FSR
Differential nonlinearity
Assured monotonic by design
±1
LSB
Zero code error
All zeroes loaded to DAC register
5
20
mV
(1)
Linearity calculated using a reduced code range of 48 to 4047; output unloaded.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com