Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08Q2/883C Datasheet(PDF) 4 Page - Analog Devices

Part # DAC08Q2/883C
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08Q2/883C Datasheet(HTML) 4 Page - Analog Devices

  DAC08Q2/883C Datasheet HTML 1Page - Analog Devices DAC08Q2/883C Datasheet HTML 2Page - Analog Devices DAC08Q2/883C Datasheet HTML 3Page - Analog Devices DAC08Q2/883C Datasheet HTML 4Page - Analog Devices DAC08Q2/883C Datasheet HTML 5Page - Analog Devices DAC08Q2/883C Datasheet HTML 6Page - Analog Devices DAC08Q2/883C Datasheet HTML 7Page - Analog Devices DAC08Q2/883C Datasheet HTML 8Page - Analog Devices DAC08Q2/883C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
DAC08
–4–
16-Lead Dual-In-Line Package
(Q and P Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VLC
IOUT
V–
IOUT
MSB B1
B2
B3
B4
COMPENSATION
VREF (–)
VREF (+)
V+
B8 LSB
B7
B6
B5
DAC08RC/883 20-Lead LCC
(RC Suffix)
4
5
6
7
8
18
17
16
15
14
20 19
1
2
3
9
10 11 12 13
V–
VREF (+)
NC = NO CONNECT
V+
NC
B8 LSB
B7
IOUT
NC
MSB B1
B2
PIN CONNECTIONS
DICE CHARACTERISTICS
(125
°C Tested Dice Available)
1. V LC
2. IOUT
3. V–
4. IOUT
5. BIT 1 (MSB)
6. BIT 2
7. BIT 3
8. BIT 4
9. BIT 5
10. BIT 6
11. BIT 7
12. BIT 8 (LSB)
13. V+
14. V REF (+)
15. V REF (–)
16. COMP
DIE SIZE 0.087
0.063 inch, 5,270 sq. mils
(2.209
1.60 mm, 3.54 sq. mm)
16-Lead SO
(S Suffix)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
VREF (+)
VREF (–)
COMP
VLC
IOUT
V–
IOUT
B8 LSB
B7
B6
B5
B4
B3
B2
B1 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com