Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08Q2/883C Datasheet(PDF) 9 Page - Analog Devices

Part # DAC08Q2/883C
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08Q2/883C Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC08Q2/883C Datasheet HTML 4Page - Analog Devices DAC08Q2/883C Datasheet HTML 5Page - Analog Devices DAC08Q2/883C Datasheet HTML 6Page - Analog Devices DAC08Q2/883C Datasheet HTML 7Page - Analog Devices DAC08Q2/883C Datasheet HTML 8Page - Analog Devices DAC08Q2/883C Datasheet HTML 9Page - Analog Devices DAC08Q2/883C Datasheet HTML 10Page - Analog Devices DAC08Q2/883C Datasheet HTML 11Page - Analog Devices DAC08Q2/883C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
DAC08
–9–
14
15
LOW T.C.
4.5k
39k
VREF
10V
APPROX
5k
IREF(+) 2mA
10k
POT
1V
Figure 11. Recommended Full-Scale Adjustment Circuit
14
15
RREF
4
2
IO
IO
NOTE
RREF SETS IFS; R15 IS FOR
BIAS CURRENT CANCELLATION.
R15
–VREF
–VREF
RREF
IFS
Figure 12. Basic Negative Reference Operation
14
IREF(+) = 2.000mA
4
2
MSB
B1 B2 B3 B4 B5 B6 B7
LSB
B8
IO
IO
EO
EO
10.000k
10.000k
10.000V
POS. FULL RANGE
POS. FULL RANGE –LSB
ZERO-SCALE +LSB
ZERO-SCALE
ZERO-SCALE –LSB
NEG. FULL-SCALE +LSB
NEG. FULL-SCALE
B1
1
1
1
1
0
0
0
B2
1
1
0
0
1
0
0
B3
1
1
0
0
1
0
0
B4
1
1
0
0
1
0
0
B5
1
1
0
0
1
0
0
B6
1
1
0
0
1
0
0
B7
1
1
0
0
1
0
0
B8
1
0
1
0
1
1
0
EO
–9.920
–9.840
–0.080
0.000
+0.080
+9.920
+10.000
EO
+10.000
+9.920
+0.160
+0.080
0.000
–9.840
–9.920
Figure 10. Basic Bipolar Output Operation
MSB
B1 B2 B3 B4 B5 B6
LSB
B8
4
2
B7
IO
IO
EO
5.000k
5.0k
10V
REF01*
*OR ADR01
4
2
6
5
V+
V–
CC
VLC
10k
+15V –15V
–15V
OP711
+15V
5.0k
15V
VO
POS. FULL RANGE
ZERO-SCALE
NEG. FULL-SCALE +1 LSB
NEG. FULL-SCALE
B1
1
1
0
0
B2
1
0
0
0
B3
1
0
0
0
B4
1
0
0
0
B5
1
0
0
0
B6
1
0
0
0
B7
1
0
0
0
B8
1
0
1
0
EO
+4.960
0.000
–4.960
–5.000
Figure 13. Offset Binary Operation
4
2
IO
IO
EO
0 TO +IFR
RL
RL
OP711
IFR =
IREF
255
256
FOR COMPLEMENTARY OUTPUT (OPERATION AS A NEGATIVE LOGIC DAC),
CONNECT INVERTING INPUT OF OP AMP TO IO (PIN 2); CONNECT IO (PIN 4) TO
GROUND.
Figure 14. Positive Low Impedance Output Operation
4
2
IO
IO
EO
0 TO –IFR
RL
OP711
IFR =
IREF
255
256
RL
FOR COMPLEMENTARY OUTPUT (OPERATION AS A NEGATIVE LOGIC DAC),
CONNECT NONINVERTING INPUT OF OP AMP TO IO (PIN 2); CONNECT IO (PIN 4)
TO GROUND.
Figure 15. Negative Low Impedance Output Operation
VLC
1
TTL, DTL
VTH = 1.4V
15V
9.1k
6.2k
0.1 F
VTH = V LC 1.4V
15V CMOS
VTH = 7.6V
VLC
13k
39k
ECL
“A”
2N3904
3k
2N3904
TO PIN 1
VLC
6.2k
–5.2V
20k
20k
V+
“A”
2N3904
3k
2N3904
TO PIN 1
VLC
R3
400 A
CMOS, HTL, NMOS
TEMPERATURE COMPENSATING V LC CIRCUITS
Figure 16. Interfacing with Various Logic Families



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com