Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DI35
Description  16 W Audio Amplifier Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DI35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DI35 Datasheet HTML 1Page - List of Unclassifed Manufacturers DI35 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design Idea DI-35
TOPSwitch-GX
16 W Audio Amplifier Power Supply
DI-35
®
Application
Audio Amplifier
TOP245P
16 V
Power Output
16 W (35 W Peak)
Input Voltage
Output Voltage
Topology
Device
85-265 VAC
Flyback
Figure 1. Audio Amplifier Power Supply.
Design Highlights
• No heatsinks required!
• 77% efficiency (min), @ 85 VAC input/35 W output
• Low no-load input power: < 0.7 W @ 230 VAC input
• Low component count: 37, excluding I/O connectors
• Stable operation with or without 10,000
µF output buffer
capacitor
• Robust transformer design enables 35 W peak power
•Meets CISPR22B EMI with > 10 dB of margin
• Ideal for both class AB and class D audio amplifiers
Operation
Many of the built-in TOPSwitch-GX features have been used to
reduce the component count, transformer size, and overall cost
of this universal input flyback power supply. Designed around
a TOP245P (DIP-8 package), the device uses PCB copper for
its heatsink, eliminating the costs of both a heatsink and the
installation labor. Output diode D7 is also cooled the same way.
Resistors R1 and R2 set the nominal Under-Voltage (UV)
lockout and Overvoltage (OV) shutdown limits to 84 V and
378 V, respectively. UV lockout protects the supply from
overheating at low line and eliminates power-up and power-
down glitches. OV shutdown protects the power supply from
line surges.
The EMI filter has been significantly simplified to three
components (L1, CX1 and CY1), thanks to the built-in
frequency jitter function of the TOPSwitch-GX family.
The RCD network of C4, R3, R4, and D5 limits (clamps) the
peak voltage that the U1-DRAIN sees. A glass-passivated
normal recovery diode (D5) recycles stored leakage energy,
increasing overall efficiency. DRAIN ringing is dampened
by R4 (which is necessary when a normal recovery diode is
used).
The bias winding provides operating power and feedback
current to the CONTROL pin of U1. The U2-LED, R8 and
VR1 comprise the feedback circuit that senses the output
voltage. The current through the U2-LED regulates the
output voltage, by modulating the feedback current that
flows into the CONTROL pin of U1.
Key Design Points
• Ensure that the control loop has enough phase margin
at the extremes of the rated input voltage and output
load, both with and without the output buffer capacitor.
•A 5% VR1 should be acceptable for an audio amplifier.
Greater accuracy will require a 2% VR1.
• OV and UV thresholds are determined by: V
OV =
225
µA x (R1+R2) and V
UV = 50 µA x (R1+R2).
PI-3731-012604
16 V, 1 A / 2.2 A
RTN
U1
TOP245P
U2
U2
VR1
IN5244B
5%
CX1
220 nF
250 VAC
F1
3.15 A
250 V
85-265
VAC
N
L
C1
100 µF
400 V
C2
100 nF
50 V
C3
100 µF
16 V
U2
PC817A
D1 & D2
1N4007
D3 & D4
1N4007
CY1
2.2 nF
(Safety)
L1
6.8 mH
0.8 A
9, 10
1
3
6, 7
4
T1
5
R1
1 M
R3
200 k
1/2 W
R5
3.3 Ω
C4
1 nF
1 KV
R4
33 Ω
1/4 W
D5
IN4007G
R2
1 M
R7
10 Ω
C5
1 µF
50 V
D6
BAV20
R10
1 k
R8
150 Ω
R6
33 Ω
1/4 W
C6
470 pF
100 V
L2
3.3 uH
C9
100 µF
25 V
D7
SB5100
C10
47 µF
25 V
C7
470 µF
25 V
C8
470 µF
25 V
TOPSwitch-GX
D
S
C
CONTROL
M
www.powerint.com
March 2004


Similar Part No. - DI35

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DI35 MICROCHIP-DI35 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
More results

Similar Description - DI35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
0,5 W audio power amplifier
March 1986
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
1-W AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
20 W AUDIO POWER AMPLIFIER
logo
Power Integrations, Inc...
DI-35 POWERINT-DI-35 Datasheet
325Kb / 2P
16 W Audio Amplifier Power Supply
DI-134 POWERINT-DI-134 Datasheet
388Kb / 2P
Audio Amplifier Power Supply
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
1.3 W Audio Power Amplifier
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
1.3 W Audio Power Amplifier
logo
Sanyo Semicon Device
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com