Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CS Datasheet(PDF) 6 Page - Analog Devices

Part # DAC08CS
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CS Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC08CS Datasheet HTML 2Page - Analog Devices DAC08CS Datasheet HTML 3Page - Analog Devices DAC08CS Datasheet HTML 4Page - Analog Devices DAC08CS Datasheet HTML 5Page - Analog Devices DAC08CS Datasheet HTML 6Page - Analog Devices DAC08CS Datasheet HTML 7Page - Analog Devices DAC08CS Datasheet HTML 8Page - Analog Devices DAC08CS Datasheet HTML 9Page - Analog Devices DAC08CS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
DAC08
–6–
0V
TYPICAL VALUES:
RIN = 5k
+VIN = 10V
4
2
14
15
16
OPTIONAL RESISTOR
FOR OFFSET INPUTS
RL
RL
RREF
+VREF
RIN
REQ
200
RP
NO CAP
Figure 1. Pulsed Reference Operation
16 15 14 13 12
11 10 9
12
345
67
8
DAC08
C1
R1
C2
+18V
C3
R1 = 9k
C1 = 0.001 F
C2, C3 = 0.01 F
–18V MIN
Figure 2. Burn-in Circuit
100mV
1V
200ns
2.5V
0.5V
–0.5mA
IOUT
–2.5mA
REQ 200
RL = 100
CC = 0
200ns/DIVISION
Figure 3. Fast Pulsed Reference Operation
0mA
1.0mA
2.0mA
(0000|0000)
IREF = 2mA
(1111|1111)
IOUT
IOUT
Figure 4. True and Complementary Output Operation
100mV
2V
50ns
50ns/DIVISION
2.4V
0.4V
0V
8 A
0
5mV
Figure 5. LSB Switching
10mV
50ns
1V
2.4V
LOGIC INPUT
0.4V
OUTPUT –1/2LSB
SETTLING
0V
+1/2LSB
SETTLING TIME FIXTURE
IFS = 2mA, RL = 1k
1/2LSB = 4 A
50ns/DIVISION
ALL BITS SWITCHED ON
Figure 6. Full-Scale Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com