Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CS Datasheet(PDF) 7 Page - Analog Devices

Part # DAC08CS
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CS Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC08CS Datasheet HTML 3Page - Analog Devices DAC08CS Datasheet HTML 4Page - Analog Devices DAC08CS Datasheet HTML 5Page - Analog Devices DAC08CS Datasheet HTML 6Page - Analog Devices DAC08CS Datasheet HTML 7Page - Analog Devices DAC08CS Datasheet HTML 8Page - Analog Devices DAC08CS Datasheet HTML 9Page - Analog Devices DAC08CS Datasheet HTML 10Page - Analog Devices DAC08CS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
–7–
Typical Performance Characteristics–DAC08
IREF, REFERENCE CURRENT – mA
5.0
0.0
4.0
3.0
2.0
1.0
0.0
1.0
2.0
3.0
4.0
5.0
LIMIT FOR
V– = –15V
TA = T MIN TO TMAX
ALL BITS “HIGH”
LIMIT FOR
V– = –5V
TPC 1. Full-Scale Current vs.
Reference Current
V15, REFERENCE COMMON-MODE VOLTAGE – V
4.0
–14
3.6
3.2
2.8
2.4
0.0
18
2.0
1.6
1.2
0.8
0.4
–10
–6
–22
6
10
14
TA = T MIN TO TMAX
NOTE: POSITIVE COMMON-MODE
RANGE IS ALWAYS (V+) –1.5V
IREF = 0.2mA
IREF = 1mA
IREF = 2mA
V– = –15V
V– = –5V
V+ = +15V
ALL BITS ON
TPC 4. Reference Amp Common-
Mode Range
OUTPUT VOLTAGE – V
4.0
–14
3.6
3.2
2.8
2.4
0.0
18
2.0
1.6
1.2
0.8
0.4
–10
–6
–22
6
10
14
TA = T MIN TO TMAX
IREF = 0.2mA
IREF = 1mA
IREF = 2mA
V– = –15V
V– = –5V
ALL BITS ON
TPC 7. Output Current vs. Output
Voltage (Output Voltage Compliance)
IFS, OUTPUT FULL SCALE CURRENT – mA
500
400
300
200
100
0
0.05
0.02
0.1
0.5
2.0
1LSB = 7.8 A
1LSB = 61nA
10
0.01
0.05
0.2
1.0
5.0
TPC 2. LSB Propagation Delay vs. IFS
LOGIC INPUT VOLTAGE – V
10.0
–12.0
8.0
6.0
0
4.0
2.0
–8.0 –4.0
0
4.0
8.0
12.0 16.0
TPC 5. Logic Input Current vs. Input
Voltage
TEMPERATURE – C
28
24
20
16
12
12
8
4
0
4
8
–50
0
50
100
150
SHADED AREA INDICATES
PERMISSIBLE OUTPUT VOLTAGE
RANGE FOR V– = –15V. IREF 2.0mA.
FOR OTHER V– OR IREF.
SEE OUTPUT CURRENT VS. OUTPUT
VOLTAGE CURVE.
TPC 8. Output Voltage Compliance
vs. Temperature
FREQUENCY – MHz
10
0.1
8
6
4
2
–14
0.2
0.5
1.0
2.0
10
2
0
–2
–4
–6
–8
–10
–12
1
5.0
CC = 15pF, VIN = 2.0V p–p
CENTERED AT +1.0V
LARGE SIGNAL
CC = 15pF, VIN = 50mV p–p
CENTERED AT +200mV
SMALL SIGNAL
1.
2.
R14 = R15 = 1k
RL
500
ALL BITS “ON”
VR15 = 0V
TPC 3. Reference Input Frequency
Response
TEMPERATURE – C
2.0
–50
1.6
1.2
0
0.8
0.4
0
50
100
150
TPC 6. VTH – VLC vs. Temperature
LOGIC INPUT VOLTAGE – V
1.8
1.6
1.4
1.2
0
1.0
0.8
0.6
0.4
0.2
–12
0
4
8
16
–8
–412
B1
B3
B4
B5
B2
V– = –15V
V– = –5V
IREF = 2.0mA
NOTE: B1 THROUGH B8 HAVE IDENTICAL
TRANSFER CHARACTERISTICS. BITS ARE FULLY
SWITCHED WITH LESS THAN 1/2 LSB ERROR, AT
LESS THAN 100mV FROM ACTUAL THRESHOLD.
THESE SWITCHING POINTS ARE GUARANTEED
TO LIE BETWEEN 0.8V AND 2.0V OVER THE
OPERATING TEMPERATURE RANGE (VLC = 0.0V).
TPC 9. Bit Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com