Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6CP Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # F6CP
Description  2.5 x 2.0mm package F5CP / F6CP Dimensions & Pin Configuration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

F6CP Datasheet(HTML) 1 Page - fujitsu semiconductor

  F6CP Datasheet HTML 1Page - fujitsu semiconductor F6CP Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.50 ± 0.10
1 to 4 : Pin No.
Unit : mm
4-R0.18
0.88 ± 0.10
0.90 ± 0.10
0.5min.
INDEX
(C 0.30)
1
2
34
Index
2.50 ± 0.10
1 to 4 : Pin No.
Unit : mm
4-R0.18
0.88 ± 0.10
0.90 ± 0.10
0.5min.
INDEX
(C 0.30)
1
2
34
2.50 ± 0.10
1 to 4 : Pin No.
Unit : mm
4-R0.18
0.88 ± 0.10
0.90 ± 0.10
0.5min.
INDEX
(C 0.30)
1
2
34
Index
March 13, 2003
Version 1.0
2.5 x 2.0mm package F5CP / F6CP
Dimensions & Pin Configuration
2.5 x 2.0mm package F5CP / F6CP
Dimensions & Pin Configuration
Pin No.
Symbol
Function
1
IN
Input
2
GND
Ground
3
OUT
Output
4
GND
Ground


Similar Part No. - F6CP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F6C-2E FOX-F6C-2E Datasheet
172Kb / 1P
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
F6C-2E3 FOX-F6C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
F6C-2E3LF FOX-F6C-2E3LF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
F6C-2E3R FOX-F6C-2E3R Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
F6C-2E3RLF FOX-F6C-2E3RLF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - F6CP

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
Advanced Crystal Techno...
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
2205-SMX-4 ACT-2205-SMX-4 Datasheet
231Kb / 2P
2.5 x 2.0mm Crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
logo
Vectron International, ...
VXM8 VECTRON-VXM8 Datasheet
388Kb / 3P
2.5 x 2.0mm Crystal
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
Miniature 2.5 x 2.0mm SM Crystal
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
Miniature 2.5 x 2.0mm SM Crystal
logo
Fox Electronics
C2BA FOX-C2BA Datasheet
270Kb / 2P
2.5 x 2.0mm Auto Grade Crystal
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
logo
Transko Electronics, In...
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com