Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-021L Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # ACPL-021L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-021L Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button ACPL-021L Datasheet HTML 8Page - Broadcom Corporation. ACPL-021L Datasheet HTML 9Page - Broadcom Corporation. ACPL-021L Datasheet HTML 10Page - Broadcom Corporation. ACPL-021L Datasheet HTML 11Page - Broadcom Corporation. ACPL-021L Datasheet HTML 12Page - Broadcom Corporation. ACPL-021L Datasheet HTML 13Page - Broadcom Corporation. ACPL-021L Datasheet HTML 14Page - Broadcom Corporation. ACPL-021L Datasheet HTML 15Page - Broadcom Corporation. ACPL-021L Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Broadcom
- 12 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 6 Forward Voltage vs. Temperature
Figure 7 Forward Current vs. Forward Voltage
1.2
1.3
1.4
1.5
1.6
1.7
1.8
–40
–20
0
20
40
60
80
100
TA - TEMPERATURE (°C)
0.01
0.1
1
10
100
1.3
1.4
1.5
1.6
1.7
1.8
VF - FORWARD VOLTAGE (V)
Figure 8 Logic High Output Voltage vs. Supply Voltage
Figure 9 Logic Low Output Voltage vs. Temperature
0
1
2
3
4
5
6
7
01234567
VDD - SUPPLY VOLTAGE (V)
IO = –3.2 mA
0
0.05
0.1
0.15
0.2
0.25
–40
–20
0
20
40
60
80
100
TA - TEMPERATURE (°C)
VDD = 3.3V
VF = 0V
IO = 3.2 mA
Figure 10 Input Threshold Current vs. Temperature
Figure 11 Logic Low Output Supply Current vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
–20
0
20
40
60
80
100
TA - TEMPERATURE (°C)
ITH_3.3V
ITH_5.0V
IDDL @ 3.3V
IDDL @ 5.0V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–40
–20
0
20
40
60
80
100
TA - TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com