Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-021L Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # ACPL-021L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-021L Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button ACPL-021L Datasheet HTML 8Page - Broadcom Corporation. ACPL-021L Datasheet HTML 9Page - Broadcom Corporation. ACPL-021L Datasheet HTML 10Page - Broadcom Corporation. ACPL-021L Datasheet HTML 11Page - Broadcom Corporation. ACPL-021L Datasheet HTML 12Page - Broadcom Corporation. ACPL-021L Datasheet HTML 13Page - Broadcom Corporation. ACPL-021L Datasheet HTML 14Page - Broadcom Corporation. ACPL-021L Datasheet HTML 15Page - Broadcom Corporation. ACPL-021L Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Broadcom
- 13 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 12 Logic High Output Supply Current vs. Temperature
Figure 13 Propagation Delay, tPHL vs. Temperature
IDDH_3.3V
IDDH_5.0V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–40
–20
0
20
40
60
80
100
TA - TEMPERATURE (°C)
VDD = 2.7V
TA - TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
50
60
70
80
90
100
110
120
130
140
150
IF = 1.6 mA, 2.2 mA, and 6 mA
Figure 14 Propagation Delay, tPLH vs. Temperature
VDD = 2.7V
TA - TEMPERATURE (°C)
50
60
70
80
90
100
110
120
130
140
150
–40
–20
0
20
40
60
80
100
IF = 1.6 mA
IF = 2.2 mA
IF = 6.0 mA
Figure 15 Output Voltage vs. Input Current @ Vdd = 3.3V
Figure 16 Output Voltage vs. Input Current @ Vdd = 5V
VDD = 3.3V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.0001 0.0002 0.0003 0.0004 0.0005 0.0006 0.0007 0.0008
IF - INPUT CURRENT (A)
VDD = 5.0V
IF - INPUT CURRENT (A)
0
1
2
3
4
5
6
0
0.0001 0.0002 0.0003 0.0004 0.0005 0.0006 0.0007 0.0008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com