Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R66CD3100AA7AM Datasheet(PDF) 13 Page - Kemet Corporation

Part # R66CD3100AA7AM
Description  R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R66CD3100AA7AM Datasheet(HTML) 13 Page - Kemet Corporation

Back Button R66CD3100AA7AM Datasheet HTML 6Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 7Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 8Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 9Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 10Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 11Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 12Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 13Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3102_R66 • 5/12/2017 13
General Purpose Metallized Polyester Film Capacitors
R66, Radial, 7.5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Ammo Specifications
Dimensions in mm
H
W
T
360*
340
59
* Lower dimension available upon request (maximum 295 mm)
H
T
W
Reel Specifications
Dimensions in mm
D
H
W
355
30
55 maximum
D
W
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com