Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R66CD3100AA7AM Datasheet(PDF) 2 Page - Kemet Corporation

Part # R66CD3100AA7AM
Description  R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R66CD3100AA7AM Datasheet(HTML) 2 Page - Kemet Corporation

  R66CD3100AA7AM Datasheet HTML 1Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 2Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 3Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 4Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 5Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 6Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 7Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 8Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3102_R66 • 5/12/2017
2
General Purpose Metallized Polyester Film Capacitors
R66, Radial, 7.5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
LL Lead Length
(mm)
Lead and
Packaging
Code
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Ammo Pack
H
0=18.5+/−0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0 =18.5+/−0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
10+/−1
JC
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
17+1/−2
Z3
Dimensions – Millimeters
p
d
L
B
H
LL
Loose
Taped
H
0
p
B
H
L
d
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
7.5
+/−0.4
3.0
+0.1
8.0
+0.1
10.0
+0.2
0.5
+/−0.05
7.5
+/−0.4
4.0
+0.1
9.0
+0.1
10.0
+0.2
0.6
+/−0.05
7.5
+/−0.4
5.0
+0.1
10.5
+0.1
10.0
+0.2
0.6
+/−0.05
7.5
+/−0.4
6.0
+0.1
12.0
+0.1
10.5
+0.2
0.6
+/−0.05
Note: See Ordering Options Table for lead length (LL/H0) options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com