Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
25
AT8xC51SND1C
4106F–8051–10/02
Note:
1. Typical values are obtained using
VDD =3Vand TA =25°C. They are not tested and there is no guarantee on these values.
Figure 8. I
DD/IDL Versus XTAL Frequency; VDD = 2.7 to 3.3V
ILI
Input Leakage Current (P0, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT)
10
µA0.45 < V
IN < V
DD
ITL
Logic1 to 0 Transition Current
(P1, P2, P3, P4 and P5)
-650
µAVin = 2.0V
RRST
Pull-down Resistor
50
90
200
k
Ω
CIO
Pin Capacitance
10
pF
TA =25°C
VRET
VDD Data Retention Limit
1.8
V
IDD
Operating Current
TBD
TBD
mA
12 MHz,
VDD <3.3V
16 MHz,
VDD <3.3V
20 MHz,
V
DD <3.3V
IDL
Idle Mode Current
TBD
TBD
mA
12 MHz,
V
DD <3.3V
16 MHz,
VDD <3.3V
20 MHz,
VDD <3.3V
IPD
Power-down Current
TBD
TBD
µAV
RET < V
DD <3.3V
Table 34. Digital DC Characteristics VDD = 2.7 to 3.3V , TA =-40° to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
max Active mode (mA)
typActivemode (mA)
max Idle mode (mA)
typIdlemode (mA)
TBD
TBD
TBD
0
Frequency at XTAL (MHz)
26
8
10
414
12
20
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com