Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 37Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
37
AT8xC51SND1C
4106F–8051–10/02
Two-wire Interface
Timings
Table 47. TWI Interface AC Timing
zVDD = 2.7 to 3.3V, TA =-40° to +85°C
Notes:
1. At 100 kbit/s. At other bit-rates this value is inversely proportional to the bit-rate of
100 kbit/s.
2. Determined by the external bus-line capacitance and the external bus-line pull-up
resistor, this must be < 1
µs.
3. Spikes on the SDA and SCL lines with a duration of less than 3·TCLCL will be filtered
out. Maximum capacitance on bus-lines SDA and SCL = 400 pF.
4. TCLCL =TOSC = one oscillator clock period.
Waveforms
Figure 23. TWI Waveforms
Symbol
Parameter
INPUT
Min
Max
OUTPUT
Min
Max
THD; STA
Start condition hold time
14·TCLCL
(4)
4.0
µs(1)
TLOW
SCL Low Time
16·TCLCL
(4)
4.7
µs(1)
THIGH
SCLHighTime
14·TCLCL
(4)
4.0
µs(1)
TRC
SCLRiseTime
1
µsNote(2)
TFC
SCL Fall Time
0.3
µs0.3 µs(3)
TSU; DAT1
Data Set-up Time
250 ns
20·TCLCL(4)-TRD
TSU; DAT2
SDA Set-up Time (before repeated START condition)
250 ns
1
µs(1)
TSU; DAT3
SDA Set-up Time (before STOP condition)
250 ns
8·TCLCL
(4)
THD; DAT
Data Hold Time
0 ns
8·TCLCL(4) -TFC
TSU; STA
Repeated START Set-up Time
14·TCLCL(4)
4.7
µs(1)
TSU; STO
STOP condition Set-up Time
14·TCLCL(4)
4.0
µs(1)
TBUF
Bus Free Time
14·TCLCL(4)
4.7
µs(1)
TRD
SDA Rise Time
1
µs-(2)
TFD
SDA Fall Time
0.3
µs0.3 µs(3)
T
SU;DAT1
TSU;STA
Tsu;DAT2
T
HD;STA
THIGH
T
LOW
SDA
(INPUT/OUTPUT)
0.3
VDD
0.7
VDD
Tbuf
Tsu;STO
0.7
V
DD
0.3
V
DD
T
rd
TFD
Trc
Tfc
SCL
(INPUT/OUTPUT)
THDDAT
T
su;DAT3
START or Repeated START Condition
START Condition
STOP Condition
Repeated START Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com