Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA510CWCG002 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MA510CWCG002
Description  Heavy Duty White Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA510CWCG002 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MA510CWCG002 Datasheet HTML 1Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 2Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 3Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 4Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 5Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 6Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 7Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 8Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SPE-15-8-008/B/EZ
Page 1 of 25
MA.510.C.W.C108151.G108151
SPECIFICATION
Part No.
:
MA510.C.W.CG.002
Product Name
:
Heavy Duty White Screw Mount Antenna
MIMO Dual Band 2.4/5.0GHz
Features
:
2.4GHz/5.0GHz suitable for
ISM Bands/ZigBee/WLAN/Bluetooth
IEEE.802.11n/IEEE.802.11ac
High Isolation between Antenna Elements
Vandal resistant PC housing
IP67 & IP69K waterproof compliance
Height 29mm Diameter 49mm
RoHS Compliant


Similar Part No. - MA510CWCG002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA510CAG005 ETC2-MA510CAG005 Datasheet
1Mb / 23P
Heavy Duty Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
Heavy Duty Screw Mount Antenna
More results

Similar Description - MA510CWCG002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS01B305111 ETC2-IS01B305111 Datasheet
666Kb / 13P
433 MHz Heavy Duty Screw Mount Antenna
MA501CAC001 ETC2-MA501CAC001 Datasheet
722Kb / 13P
Heavy Duty Screw Mount Antenna GPS/Dual-Band 2.4-5.2GHz
MA510CAG005 ETC2-MA510CAG005 Datasheet
1Mb / 23P
Heavy Duty Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
WS01B305151 ETC2-WS01B305151 Datasheet
2Mb / 13P
Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
MA501CAC001 TAOGLAS-MA501CAC001 Datasheet
932Kb / 18P
Heavy Duty Screw Mount Antenna ??GPS-GALILEO/Dual-Band 2.4??.2GHz
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
Heavy Duty Screw Mount Antenna
MA515CCG001 TAOGLAS-MA515CCG001 Datasheet
1Mb / 15P
Heavy Duty Screw Mount Antenna MIMO Single Band 2.4GHz
MA530ACG003 TAOGLAS-MA530ACG003 Datasheet
1Mb / 16P
Taoglas ?쏹ltima??Antenna Heavy Duty Screw Mount Antenna
FXP524D07C001 TAOGLAS-FXP524D07C001 Datasheet
1Mb / 19P
Venti Wlan Mimo 2.4/5.0GHz Antenna with 4ports
logo
Maxtena Inc.
MEA-LW2-SM MAXTENA-MEA-LW2-SM Datasheet
1Mb / 4P
Cellular/LTE and 2.4/5.0GHz ISM screw mount antenna
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com