Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA510CWCG002 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA510CWCG002
Description  Heavy Duty White Screw Mount Antenna MIMO Dual Band 2.4/5.0GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA510CWCG002 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA510CWCG002 Datasheet HTML 1Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 2Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 3Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 4Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 5Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 6Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 7Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 8Page - Taoglas antenna solutions MA510CWCG002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SPE-15-8-008/B/EZ
Page 2 of 25
MA.510.C.W.C108151.G108151
1. Introduction
The MIMO communication system has been one of the most promising technologies, well suited
for high data rate communication. A MIMO (Multiple-Input-Multiple-Output) system use at least
two antenna structures and is more advantageous than single-input single-output (SISO) in an
aspect of increasing channel capacity and reducing transmitting power. MIMO antennas should
have compact structure, high radiation efficiency, low envelope correlation, and high isolation
between the signal ports.
In small structures (antennas spaced closely), the application of MIMO technology has been
restricted by high degree of coupling and spatial correlation between antenna elements due to
the limited available space. The isolation between antennas become critical as it can deteriorate
the system performance and decreases channel capacity.
The Hercules MA510 MIMO antenna is low profile, heavy-duty, fully IP67 waterproof external
M2M antenna for use, transportation and remote monitoring applications. This unique
omnidirectional antenna provide high efficiency and high isolation between antennas elements
in a heavy-duty low profile compact structure, delivering powerful MIMO antenna technology for
Wi-Fi 802.11n and emerging 802.11ac.
The antenna screws down permanently onto a roof or metal panel and can be pole or wall-
mounted. The two antenna elements are vertically polarized.
For industries such as remote monitoring, smart meter systems, construction equipment, public
safety at only 29mm high, the Hercules MA510 MIMO antenna provides an unobtrusive, robust,
rugged antenna that is durable even in extreme environments. The antenna housing is
completely waterproof to IP67, and also to IP69K, which means it is waterproof against high
pressure water jets used in industrial environments for cleaning.
Also available in black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com