Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA520ABC008 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA520ABC008
Description  Hercules 2in 1 Cellular and Wi-Fi
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA520ABC008 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA520ABC008 Datasheet HTML 1Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 2Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 3Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 4Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 5Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 6Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 7Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 8Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SPE-13-8-071/E/AS
Page 4 of 24
MECHANICAL
Dimensions (mm)
Height = 29 x Diameter = 49
Cable
2Meters RG316 Fully Customizable
Connector
Cell: SMA(M) Fully Customizable
Tread Diameter
18 mm
Casing
UV Resistant ABS
Weather proof
gasket
CR4305 foam with 3M9448B double side adhesive
Sealant
Rubber Stopper
Base Thread
Nickel plated steel
ENVIRONMENTAL
Protection
IP67
Corrosion
5% NaCI for 48hrs
Temperature
Range
-40°C to +85°C
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
Cable Pull
8 Kgf
* The MA520 antenna performance was measured on a 60X60cm metal plate
3. TEST SET UP
Figure 1. Impedance measurement (left hand) and
efficiency, gain, radiation pattern measurements (right hand).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com