Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA520ABC008 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA520ABC008
Description  Hercules 2in 1 Cellular and Wi-Fi
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA520ABC008 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA520ABC008 Datasheet HTML 1Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 2Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 3Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 4Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 5Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 6Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 7Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 8Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SPE-13-8-071/E/AS
Page 2 of 24
1. INTRODUCTION
The MA520 Hercules 2in 1 Penta Band Cellular-2.4/5.8GHz Antenna is the smallest package
high performance screw-mount (permanent mount) antenna available, for external use on
vehicles and outdoor assets worldwide. Everything is in the one housing reducing the need
for multiples antenna installations. This is the ideal antenna for 3G gateway routers that
provide Wi-Fi hotspots.
It has been designed for heavy duty work with extra thick threads; with durable UV-
resistant ABS housing is resistant to vandalism and direct attack. At only 29mm high and
49mm in diameter this antenna enables covert operation and its quality is proven by
growing adoption by many of the world's largest wireless brands worldwide. The standard
cable length is 1 meter; the antenna can work to cable lengths of 2 meters. The Hercules
MA520 exceptional design means it can work equally well mounted on or without ground-
plane.
The antenna housing is completely waterproof to IP67, and also to IP69K, which means it
is waterproof against high pressure water jets used in industrial environments for cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com