Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS6A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MCS6A
Description  CAT M1 Low Profile
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MCS6A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MCS6A Datasheet HTML 1Page - Taoglas antenna solutions MCS6A Datasheet HTML 2Page - Taoglas antenna solutions MCS6A Datasheet HTML 3Page - Taoglas antenna solutions MCS6A Datasheet HTML 4Page - Taoglas antenna solutions MCS6A Datasheet HTML 5Page - Taoglas antenna solutions MCS6A Datasheet HTML 6Page - Taoglas antenna solutions MCS6A Datasheet HTML 7Page - Taoglas antenna solutions MCS6A Datasheet HTML 8Page - Taoglas antenna solutions MCS6A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-17-8-035/A
Page 2 of 18
1. Introduction
The MCS6.A is a low profile SMD CAT M1 Bands / 4G/3G/2G embedded antenna
designed for direct SMD mount on a device PCB. It provides high efficiency in a very
small form factor of just 42*10*3mm.
Category (CAT) M1 is a low power wide area (LPWA) technology specifically designed
for IoT and M2M. CAT M1 technology offers lower maintenance cost, with greater
efficiency and reliability by reducing power consumption and providing deeper
penetration compared to standard cellular technologies. It operates on secure mobile
networks making it suited to automotive, smart meter, medical and smart city
applications.
If tuning is required the MCS.06 can be tuned for the device environment, while there
is no need for new tooling. Its rectangular shape and very small size makes it very
easy to integrate – packaged in tape and reel, it can be mounted via pick and place to
reflow solder directly on the edge of the PCB board. This antenna is recommended to
be used with longer ground-plane lengths of 120mm or more to attain its highest rated
efficiency. Note the return loss and efficiency graphs on page 16.
Contact Taoglas local regional sales office for quick and professional support from our
senior engineering team on integration and matching of the antenna to your device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com