Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS6A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MCS6A
Description  CAT M1 Low Profile
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MCS6A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MCS6A Datasheet HTML 1Page - Taoglas antenna solutions MCS6A Datasheet HTML 2Page - Taoglas antenna solutions MCS6A Datasheet HTML 3Page - Taoglas antenna solutions MCS6A Datasheet HTML 4Page - Taoglas antenna solutions MCS6A Datasheet HTML 5Page - Taoglas antenna solutions MCS6A Datasheet HTML 6Page - Taoglas antenna solutions MCS6A Datasheet HTML 7Page - Taoglas antenna solutions MCS6A Datasheet HTML 8Page - Taoglas antenna solutions MCS6A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SPE-17-8-035/A
Page 3 of 18
2. Specification Table
ELECTRICAL
Frequency(MHz)
Band 2
Band 4
Band 12
Tx
Rx
Tx
Rx
Tx
Rx
1850-1910
1930-1990
1710-1755
2110-2155
699-716
729-746
Peak Gain (dBi)*
2.76
3.26
3.11
3.75
-1.05
-0.02
Average Gain (dBi)*
-2.04
-1.67
-1.65
-1.85
-3.50
-2.25
Efficiency (%)*
62.46
67.47
68.33
65.67
44.58
59.60
Return Loss (dB)*
<-10 typ.
<-6 at the band edge
<-10 typ.
<-7 at the band edge
<-10 typ.
<-5 at the band edge
Polarization
Linear
Impedance
50Ω
Maximum Input
Power
5W
MECHANICAL
Antenna Dimensions
42mm x 10mm x 3mm
Material
FR4
Weight
2.50g
Soldering Type
SMT through Reflow
ENVIRONMENTAL
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
*All measurements were done on 123*45mm EVB board with 100mm length ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com