Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDWA01 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # SDWA01
Description  Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SDWA01 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  SDWA01 Datasheet HTML 1Page - Taoglas antenna solutions SDWA01 Datasheet HTML 2Page - Taoglas antenna solutions SDWA01 Datasheet HTML 3Page - Taoglas antenna solutions SDWA01 Datasheet HTML 4Page - Taoglas antenna solutions SDWA01 Datasheet HTML 5Page - Taoglas antenna solutions SDWA01 Datasheet HTML 6Page - Taoglas antenna solutions SDWA01 Datasheet HTML 7Page - Taoglas antenna solutions SDWA01 Datasheet HTML 8Page - Taoglas antenna solutions SDWA01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-11-8-129/H/NB
Page 1 of 19
SPECIFICATION
Part No.
:
SDWA.01
Product Name
:
Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
Features
:
High Efficiency/ High Peak Gain
2400 MHz to 2483 MHz - Peak Gain 4.4 dBi max
5180 MHz to 5825 MHz - Peak Gain 4.3 dBi max
Low Profile
10*4*1.5mm
RoHS 


Similar Part No. - SDWA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDWA01 ETC2-SDWA01 Datasheet
745Kb / 16P
Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
More results

Similar Description - SDWA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDWA01 ETC2-SDWA01 Datasheet
745Kb / 16P
Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
logo
World Produts Inc.
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
logo
List of Unclassifed Man...
A10194 ETC2-A10194 Datasheet
664Kb / 14P
Mixtus Dual-band Wi-Fi SMD Antenna
logo
Taoglas antenna solutio...
WDP2458254B02 TAOGLAS-WDP2458254B02 Datasheet
932Kb / 13P
Wi-Fi Dual-band 2.4/5 GHz Embedded Ceramic Patch Antenna
logo
World Produts Inc.
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
Dual-band Wi-Fi Embedded Antenna
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT30120 WPI-WPANT30120 Datasheet
65Kb / 2P
MIMO Antenna ??Dual-band Wi-Fi
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com