Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDWA01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # SDWA01
Description  Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SDWA01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  SDWA01 Datasheet HTML 1Page - Taoglas antenna solutions SDWA01 Datasheet HTML 2Page - Taoglas antenna solutions SDWA01 Datasheet HTML 3Page - Taoglas antenna solutions SDWA01 Datasheet HTML 4Page - Taoglas antenna solutions SDWA01 Datasheet HTML 5Page - Taoglas antenna solutions SDWA01 Datasheet HTML 6Page - Taoglas antenna solutions SDWA01 Datasheet HTML 7Page - Taoglas antenna solutions SDWA01 Datasheet HTML 8Page - Taoglas antenna solutions SDWA01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SPE-11-8-129/H/NB
Page 2 of 19
1. Introduction
The SDWA.01 dual-band SMT ceramic antenna is an embedded, high efficiency, high
peak gain solution for Wi-Fi 802.11n and other ISM band applications which require
high-speed data rates and wide coverage areas. Designed for the 2.4 GHz and 5 GHz
bands, the antenna delivers a peak gain of 3.5 dBi and 4.2 dBi, respectively. The
antenna features excellent efficiency > 70% in both bands. It is designed to perform
optimally mounted in the corner of a device PCB. Two SDWA.01 antennas can be used
for MIMO applications. The antenna's low profile, at only 1.5mm, allows for use on
extremely thin devices while still maintaining excellent performance characteristics.
This antenna is delivered on Tape and Reel for SMT application.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions.
In practice, the peak gain of an antenna tested in free-space can degrade by at least
1 or 2dBi when put inside a device. So ideally you should go for a slightly higher peak
gain antenna than mentioned on the module specification to compensate for this
effect, giving you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate
layout, integration technique, or cable, Taoglas can make sure any of our antennas’
peak gain will be below the peak gain limits. Taoglas can then issue a specification
and/or report for the selected antenna in your device that will clearly show it
complying with the peak gain limits, so you can be assured you are meeting
regulatory requirements for that module.
For example, a module manufacturer may state that the antenna must have less than
2dBi peak gain, but you don’t need to select an embedded antenna that has a peak
gain of less than 2dBi in free-space. This will give you a less optimized solution. It is
better to go for a slightly higher free-space peak gain of 3dBi or more if available.
Once that antenna gets integrated into your device, performance will degrade below
this 2dBi peak gain due to the effects of GND plane, surrounding components, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com