Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS011F21 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TLS011F21
Description  Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS011F21 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TLS011F21 Datasheet HTML 1Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 2Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 3Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 4Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 5Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 6Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 7Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 8Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DSP-15-8- SPE-15-8-049/B/SS
Page 2 of 21
1.Introduction
The Shockwave TLS.01.1F21 is a permanent mount, waterproof, external 2G/3G/4G
cellular and GPS antenna operating at 698-960/1575.42/1710-2700MHz with an N
type male connector. It has been designed to be used on a Ground Plane. It can be
used in mobile and fixed applications for 4G LTE wireless such as :
• Public safety
• HD Video Streaming
• Utilities and Smart Cities
• Fleet Management
• Agricultural
• Industrial
This antenna has superior performance over wide-bands compared to traditional whip
antennas. Up to 90% efficiency and with an minimum 2.5dBi peak gain over all cellular
bands result when mounted on a 30x30 cm ground plane. Stable radiation patterns
over low angles provides consistent gain in the horizontal plane, meaning that it is
especially suitable for cellular applications.
A unique indent tab on the base of the antenna allows a wrench to be used to solidly
lock the antenna on top of its mounting location while tightening up the nut beneath
the metal panel. Waterproof O-rings around the bottom base prevent water from
leaking under the antenna.
The TLS.01 antenna is IP67 waterproof and IP69K resistant against high pressure
water jets in commercial cleaning environments, which makes the antenna ideal for
2G/3G/4G applications either in indoor or in harsh outdoor environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com