Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS011F21 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TLS011F21
Description  Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS011F21 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TLS011F21 Datasheet HTML 1Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 2Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 3Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 4Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 5Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 6Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 7Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 8Page - Taoglas antenna solutions TLS011F21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DSP-15-8- SPE-15-8-049/B/SS
Page 3 of 21
2.Specification
ELECTRICAL
Operation Bands
LTE
GSM850
GSM900
GPS
DCS
PCS
WCDMA
I
LTE
Frequency (MHz)
698~803
824~896
880~960
1575.4
2
1710~
1880
1850~
1990
1920~2
170
2300~2
700
Efficiency (%)
95.23
91.09
90.25
64.30
79.33
80.60
77.36
69.64
Peak Gain (dBi)
3.21
3.40
3.44
0.95
3.89
3.60
3.37
4.78
Average Gain (dBi)
-0.21
-0.40
-0.44
-1.91
-1.01
-0.94
-1.13
-1.64
Return Loss (dB)
<-6
<-10
<-10
<-7
<-7
<-7
<-8
<-9
Impedance
50 Ω
Polarization
Vertical
Radiation Property
Omni-Directional
Max Input Power
100W
MECHANICAL
Dimension (mm)
Height: 79.45mm (3.13"); Diameter: 42mm (1.65")
Connector
N type (F)
Material
Housing: UV Resistant ABS,
Base: Nickel Plated Zinc Alloy
Weight (g)
169
Rec. Torque for
Mounting
4.018 N.m
Max. Torque for
Mounting
9.8 N.m
ENVIRONMENTAL
Waterproof Rating
IP67 and IP69K
Operation
Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
The antenna performance was measured on a 30cm*30cm ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com