Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS201F11 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # TLS201F11
Description  Shockwave 450-470MHz Permanent Mount External Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS201F11 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  TLS201F11 Datasheet HTML 1Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 2Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 3Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 4Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 5Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 6Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 7Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 8Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DSP-15-8-SPE-15-8-065/A/SS
Page 1 of 11
SPECIFICATION
Part No.
: TLS.20.1F11
Description
: Shockwave 450-470MHz
Permanent Mount External Antenna
N Type(M) connector
Features
: CDMA 450-470MHz with 41% efficiency
Mechanically robust for indoor/outdoor applications
Height: 79.45mm(3.13") ; Diameter : 42mm(1.65")
IP67 and IP69K Waterproof
N type(M) connector
RoHS Compliant


Similar Part No. - TLS201F11

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS201F21 TAOGLAS-TLS201F21 Datasheet
8Mb / 13P
Shockwave 450-470MHz Permanent Mount External Antenna N Type(F) connector
More results

Similar Description - TLS201F11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLS.20.105111 ETC2-TLS.20.105111 Datasheet
5Mb / 13P
Shockwave 450-470MHz
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
Permanent Mount External Antenna
TLS011F21 TAOGLAS-TLS011F21 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna
TLS201F21 TAOGLAS-TLS201F21 Datasheet
8Mb / 13P
Shockwave 450-470MHz Permanent Mount External Antenna N Type(F) connector
TLS301F11 TAOGLAS-TLS301F11 Datasheet
6Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS301F21 TAOGLAS-TLS301F21 Datasheet
8Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
TLS01305111 TAOGLAS-TLS01305111 Datasheet
3Mb / 23P
Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
TLS01305721 TAOGLAS-TLS01305721 Datasheet
3Mb / 25P
Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
TLS20105111 TAOGLAS-TLS20105111 Datasheet
5Mb / 13P
Shockwave 450-470MHz Permanent Mount External Antenna
TLS30105111 TAOGLAS-TLS30105111 Datasheet
4Mb / 12P
Shockwave 433MHz Permanent Mount External Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com