Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS201F11 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TLS201F11
Description  Shockwave 450-470MHz Permanent Mount External Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS201F11 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TLS201F11 Datasheet HTML 1Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 2Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 3Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 4Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 5Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 6Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 7Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 8Page - Taoglas antenna solutions TLS201F11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DSP-15-8-SPE-15-8-065/A/SS
Page 2 of 11
1. Introduction
The Shockwave TLS.20.1F11 is a mechanically robust, waterproof, external antenna
operating at 450-470MHz with 1 meter of low loss CFD-200 and SMA(M) connector. It
has been designed to be used on a Ground Plane. Common applications are, for
instance:
• Public safety
• Smart meters
• Mesh networks
• Transportation
The antenna has greater than 41% efficiency and -1.38 dBi peak gain within the
application band on a 30x30 cm ground plane. Stable radiation patterns over low
angles provide consistent gain in the horizontal plane, meaning that it is especially
suitable for mesh networks or hot spots.
A unique indent tab on the base of the antenna allows a wrench to be used to solidly
lock the antenna on top of its mounting location, where an N type female connector
juts out from a metal panel. Waterproof O-rings around the bottom base prevent water
from leaking under the antenna.
The TLS.20 antenna is IP67 waterproof and IP69K resistant against high pressure
water jets in commercial cleaning environments, which makes the antenna ideal for
450-470MHz applications in harsh outdoor environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com