Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD87208 Datasheet HTML 1Page - National Semiconductor (TI) FPD87208 Datasheet HTML 2Page - National Semiconductor (TI) FPD87208 Datasheet HTML 3Page - National Semiconductor (TI) FPD87208 Datasheet HTML 4Page - National Semiconductor (TI) FPD87208 Datasheet HTML 5Page - National Semiconductor (TI) FPD87208 Datasheet HTML 6Page - National Semiconductor (TI) FPD87208 Datasheet HTML 7Page - National Semiconductor (TI) FPD87208 Datasheet HTML 8Page - National Semiconductor (TI) FPD87208 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FPD87208AXA
+2.5V Low EMI, Low Dynamic Power XGA/WXGA
TFT-LCD Timing Controller with Reduced Swing
Differential Signaling RSDS™ Outputs
General Description
The FPD87208AXA is a timing controller that combines an
LVDS single pixel input interface with National Reduced
Swing Differential Signaling (RSDS™) output driver interface
for XGA and Wide XGA resolutions. It resides on the TFT-
LCD panel and provides the data buffering and control signal
generation for XGA, and Wide XGA graphic modes. The
RSDS path to the column driver contributes toward lowering
radiated EMI and reducing system dynamic power consump-
tion.
This single RSDS bus conveys the 6-bit color data for XGA,
and three different WXGA resolutions.
Features
n
Reduced Swing Differential Signaling (RSDS) digital bus
reduces dynamic power, EMI and bus-width from the
timing controller
n
LVDS single pixel input interface system
n
Input clock range from 25 MHz to 85 MHz
n
Drives RSDS column drivers at 170 Mb/s with an
85 MHz clock (Max)
n
BIST Function
n
CMOS circuitry operates from a 2.25V–2.75V; 0˚C–70˚C
n
64 TQFP package with body size 10 mm x 10 mm x
1.0 mm
System Diagram
RSDS™ is a trademark of National Semiconductor Corporation.
20101401
FIGURE 1. Block Diagram of the LCD Module
July 2004
© 2004 National Semiconductor Corporation
DS201014
www.national.com


Similar Part No. - FPD87208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
More results

Similar Description - FPD87208

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87310 NSC-FPD87310 Datasheet
754Kb / 28P
Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD63310 NSC-FPD63310 Datasheet
38Kb / 2P
UNIVERSAL INTERFACE XGA PANEL TIMING CONTROLLER REDUCED SWING DIFFERENTIAL SIGNALING
FPD87370AXA NSC-FPD87370AXA Datasheet
461Kb / 2P
Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
FPD87346 TI1-FPD87346 Datasheet
100Kb / 5P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87346BXA TI1-FPD87346BXA_13 Datasheet
637Kb / 18P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller
FPD87370 TI1-FPD87370_13 Datasheet
48Kb / 3P
Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com