Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87208 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87208
Description  2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87208 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  FPD87208 Datasheet HTML 1Page - National Semiconductor (TI) FPD87208 Datasheet HTML 2Page - National Semiconductor (TI) FPD87208 Datasheet HTML 3Page - National Semiconductor (TI) FPD87208 Datasheet HTML 4Page - National Semiconductor (TI) FPD87208 Datasheet HTML 5Page - National Semiconductor (TI) FPD87208 Datasheet HTML 6Page - National Semiconductor (TI) FPD87208 Datasheet HTML 7Page - National Semiconductor (TI) FPD87208 Datasheet HTML 8Page - National Semiconductor (TI) FPD87208 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3V to +3.0V
DC TTL Input Voltage (V
IN)
−0.3V to (V
DD + 0.3V)
DC LVDS Input Voltage (V
IN)
−0.3V to (V
DD + 0.3V)
DC Output Voltage (V
OUT)
−0.3V to (V
DD + 0.3V)
Junction Temperature
+150˚C
Storage Temperature Range
(T
STG)
−65˚C to +150˚C
Lead Temperature (T
L)
(Soldering 10 sec.)
260˚C
ESD Rating:
HBM:
MM:
2kV
200V
(HBM: R
ZAP = 1.5 k
Ω,C
ZAP = 100 pF,
MM: R
ZAP =0
Ω,C
ZAP = 200 pF)
Operating Conditions
Min
Max
Units
Supply Voltage (V
DD)
2.25
2.75
V
Operating Temp. Range (T
A)
0
70
˚C
Supply Noise Voltage
200
mV
PP
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical
Characteristics” specifies conditions of device operation.
DC Electrical Characteristics V
DD = 2.5V ±0.25V, TA = 0˚C to 70˚C, IPI = 100 µA (Unless otherwise
specified)
TTL DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
DD
Supply Voltage
2.25
2.5
2.75
V
IH
Minimum Input High Voltage
1.8
V
V
IL
Maximum Input Low Voltage
0.7
V
V
OH
Output High Voltage
I
OH =−8mA
0.8xV
DD
V
OL
Output Low Voltage
I
OL =8mA
0.4
I
IN
Input Current
V
IN =VDD
10
µA
V
IN = GND
10
µA
I
DD
Average Supply Current
CLK = 85 MHz, RPI = 12.3k
C
L(TTL) =50pF,
R
L(RSDS) = 100
Ω and
C
L(RSDS) =5pF
(jig & test fixture capacitance),
See Figure 3 for input
conditions
80
I
P = 100 µA
V
DD = 2.5V
120
I
P = 100 µA
V
DD = 2.75V
mA
FPD-Link (LVDS) Receiver Input (RxCLKP/N; RxIN[y]P/N, y = 0,1,2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS RECEIVER DC SPECIFICATIONS
Note: LVDS Receiver DC parameters are measured under Static and Steady state conditions which may not be reflective
of its performance in the end application.
This device is compatible with TIA644 SPEC. V0 and V2.4.
V
THLVDS
Differential Input High Threshold
Voltage
V
CM = 1.2V
+100
mV
V
TLLVDS
Differential Input Low Threshold
Voltage
−100
mV
I
IN
INput Current
V
IN =VDD –0.4V,
V
DD = 2.75V
±10
µA
V
IN = 0V, VDD = 2.75V
±10
µA
V
IN
INput Voltage Range
0
V
DD –0.4
V
|V
ID|
Differential Input Voltage
0.100
0.600
V
V
CM
Common Mode Voltage Offset
0+|V
ID|/2
(V
DD –0.4) −
|V
ID|/2
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com