Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF12011 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # LPF12011
Description  Airvu 1.2GHz Low Pass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPF12011 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  LPF12011 Datasheet HTML 1Page - Taoglas antenna solutions LPF12011 Datasheet HTML 2Page - Taoglas antenna solutions LPF12011 Datasheet HTML 3Page - Taoglas antenna solutions LPF12011 Datasheet HTML 4Page - Taoglas antenna solutions LPF12011 Datasheet HTML 5Page - Taoglas antenna solutions LPF12011 Datasheet HTML 6Page - Taoglas antenna solutions LPF12011 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPE-15-8-037/A/IC
Page 1 of 7
SPECIFICATION
Part No.
: LPF.12.01
Product Name : Airvu 1.2GHz Low Pass Filter
Features
: SMA(M) Plug to SMA(F) Jack Interface
Frequency Range:300-1400 MHz
Insertion Loss: <1.1 dB
Finish: Black Ni Plated
Total Length: 39 mm
RoHS Compliant


Similar Part No. - LPF12011

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF1245 ABCO-LPF1245 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1245T-100M ABCO-LPF1245T-100M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPF1245T-100M ABCO-LPF1245T-100M Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1245T-101M ABCO-LPF1245T-101M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPF1245T-101M ABCO-LPF1245T-101M Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF12011

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Taoglas antenna solutio...
BPF2401 TAOGLAS-BPF2401 Datasheet
580Kb / 7P
Airvu 2.4GHz Band Pass Filter for UAV/Drone Antennas
BPF5801 TAOGLAS-BPF5801 Datasheet
392Kb / 7P
Airvu 5.8 GHz Band Pass Filter For UAV/Drone Antennas
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com