Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF12011 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # LPF12011
Description  Airvu 1.2GHz Low Pass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LPF12011 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  LPF12011 Datasheet HTML 1Page - Taoglas antenna solutions LPF12011 Datasheet HTML 2Page - Taoglas antenna solutions LPF12011 Datasheet HTML 3Page - Taoglas antenna solutions LPF12011 Datasheet HTML 4Page - Taoglas antenna solutions LPF12011 Datasheet HTML 5Page - Taoglas antenna solutions LPF12011 Datasheet HTML 6Page - Taoglas antenna solutions LPF12011 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPE-15-8-037/A/IC
Page 2 of 7
1. Introduction
The Airvu 1.2GHz Low Pass Filter is placed on the end of the antenna port to
help eliminate or reduce radio interference problems on UAVs. It does this in
two ways
1. It reduces out of band noise entering the receiver that cause effects such
as reduction of control range
2. It reduces the antenna transmissions of out of band noise affecting other
circuitry on your UAV (such as disrupting the GPS receiver leading to loss
of fix, or a live video stream at 5.8GHz)
The LPF.12.01 internal ceramic filter has better insertion loss and stop band
performance than competing LTCC or lumped element filters, while also having
good rejection at band edges. It uses a standard SMA(M) Plug to SMA(F) Jack
interface. This filter is designed to be easily screwed onto this standard antenna
SMA connector. Custom versions can be made subject to NRE and MOQ.
Contact your regional Taoglas office for support
Note
There can still be noise issues that a filter cannot solve. Such as noise that
can be radiated directly from the transmitter board and any wiring. Also no
filter can protect from in-band noise within the assigned operating
frequency of the receiver. Always try to place noisy components as far away
from a receiver and antenna as possible.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com