Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXP02A Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # DXP02A
Description  SMD L1/L2/L5 SAW Diplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DXP02A Datasheet(HTML) 5 Page - Taoglas antenna solutions

  DXP02A Datasheet HTML 1Page - Taoglas antenna solutions DXP02A Datasheet HTML 2Page - Taoglas antenna solutions DXP02A Datasheet HTML 3Page - Taoglas antenna solutions DXP02A Datasheet HTML 4Page - Taoglas antenna solutions DXP02A Datasheet HTML 5Page - Taoglas antenna solutions DXP02A Datasheet HTML 6Page - Taoglas antenna solutions DXP02A Datasheet HTML 7Page - Taoglas antenna solutions DXP02A Datasheet HTML 8Page - Taoglas antenna solutions DXP02A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SPE-17-8-007/A/AW
Page 5 of 14
3.2 Return Loss
Return Loss (dB)
Band 1
1559~1605.375MHz
Band 2
1165.22~1248.625MHz
<-13.4
<-8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com