Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXP02A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # DXP02A
Description  SMD L1/L2/L5 SAW Diplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DXP02A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  DXP02A Datasheet HTML 1Page - Taoglas antenna solutions DXP02A Datasheet HTML 2Page - Taoglas antenna solutions DXP02A Datasheet HTML 3Page - Taoglas antenna solutions DXP02A Datasheet HTML 4Page - Taoglas antenna solutions DXP02A Datasheet HTML 5Page - Taoglas antenna solutions DXP02A Datasheet HTML 6Page - Taoglas antenna solutions DXP02A Datasheet HTML 7Page - Taoglas antenna solutions DXP02A Datasheet HTML 8Page - Taoglas antenna solutions DXP02A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SPE-17-8-007/A/AW
Page 1 of 14
SPECIFICATION
Part No.
:
DXP.02.A
Product Name
:
SMD L1/L2/L5 SAW Diplexer
For GNSS Band Applications
Features
:
L5 1176.45 / L2 1222.7625 / L1 1575.42 MHz
SAW Diplexer SMT Direct Mount
Compact Size 5*5*1.7mm
Low Insertion Loss In band
High Isolation Port to Port
RoHS Compliant


Similar Part No. - DXP02A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DXP01A TAOGLAS-DXP01A Datasheet
578Kb / 11P
SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
More results

Similar Description - DXP02A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
GPS L1/L2 Survey Antenna
JXTXGPS-L1L2-GN AAC-JXTXGPS-L1L2-GN Datasheet
111Kb / 1P
GPS & GNSS L1/L2 Antenna
logo
Taoglas antenna solutio...
DXP01A TAOGLAS-DXP01A Datasheet
578Kb / 11P
SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
FXP612070095A TAOGLAS-FXP612070095A Datasheet
850Kb / 14P
FXP612 Flexible Polymer GPS L1 / GPS L2 / GPS L5 / GALILEO / GLONASS G1 / BEIDOU Antenna
logo
Pulse A Technitrol Comp...
W3089 PULSE-W3089 Datasheet
1Mb / 14P
3-in-1 Combo GNSS L1L2L5 Ceramic SMD Antenna
logo
Qorvo, Inc
QPQ1063 QORVO-QPQ1063 Datasheet
524Kb / 10P
L1/L2 Low Loss GPS SAW Diplexer
logo
Maxtena Inc.
MEA-1400-MM MAXTENA-MEA-1400-MM Datasheet
1Mb / 3P
GNSS/L1/L5 Magnetic Mount
REV A
MPA-258-L1-L5 MAXTENA-MPA-258-L1-L5 Datasheet
1Mb / 3P
GPS L1 L5 MICROSTRIP ANTENNA
REV A
logo
AVX Corporation
1005621 AVX-1005621 Datasheet
684Kb / 5P
GPS L1 & L5 Ceramic PatchAntenna
9/12/2022 Rev. 0
M830120 AVX-M830120 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com